Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0005 Datasheet (PDF) - Renesas Technology Corp

80KSW0005 Datasheet PDF - Renesas Technology Corp
Part # 80KSW0005
Download  80KSW0005 Download
File Size   1283.54 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Quad RapidIO® Switch

80KSW0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
80KSW0005 Datasheet PDF - Renesas Technology Corp

Part # 80KSW0005
Download  80KSW0005 Click to download

File Size   1283.54 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Quad RapidIO® Switch

80KSW0005 Datasheet (HTML) - Renesas Technology Corp


80KSW0005 Product details

Features
u Interfaces - sRIO
– 40 bidirectional serial RapidIO (sRIO) lanes v 1.3
– Port Speeds selectable: 3.125Gbps, 2.5Gbps, or 1.25Gbps
– All lanes support short haul or long haul reach for each PHY speed
– Configurable port count to up to 16 ports
– Two enhanced quads can be configured as 4 1x ports or 1 4x ports
– Supports standard 4 levels of priority
– Error handling support: It allows error detection, logging and
response from all major functional blocks on the device.
u Interfaces - I2C
– Provides I2C port for maintenance and error reporting
– Master or Slave Operation
– Master allows power-on configuration from external ROM
– Master mode configuration with external image compressing and
checksum
u Performance
– 100 Gbps of peak switching bandwidth
– Non-blocking data flow architecture within each sRIO priority
– low latency for all packet length and load condition
– Internal queuing buffer and retransmit buffer
– Standard receiver based physical layer flow control
u Features
– Configurable for cut-thru and store-and-forward modes
– Device configurable through any of sRIO ports, I2C, or JTAG
– Packet Trace function: It allows copying or filtering packets on a perport
basis. Each port provides the ability to match the first 160 bits of
any packet against up to 4 programmable comparison values to copy
the packet to a programmable output trace port or drop it.
– Supports up to 40 simultaneous multicast masks per each port
– Support Broadcast
– Port Loopback Debug Feature
– Software assisted error recovery, supporting hot swap
– Ports may be individually turned off to reduce power
– PMON counters for monitor and diagnostics per port
– Serdes physical diagnostic registers
– Embedded PRBS generation and detection with programmable polynomial
cover error rate under all conditions
– 0.13um technology
– Low power dissipation
– Full JTAG Boundary Scan support (IEEE1149.1 & 1149.6)
– Package: FCBGA 676-ball grid array, 27mm x 27mm, 1.0mm ball pitch




Similar Part No. - 80KSW0005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
80KSW0002 RENESAS-80KSW0002 Datasheet
904Kb / 48P
16-Port Serial RapidIO® Switch
April 6, 2016
80KSW0004 RENESAS-80KSW0004 Datasheet
1Mb / 48P
12-Port Serial RapidIO® Switch
March 31, 2008
More results


Similar Description - 80KSW0005

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70K2000 IDT-70K2000 Datasheet
114Kb / 2P
Serial RapidIO Pre-Processing Switch for DSP Clusters
CPS-1848 IDT-CPS-1848 Datasheet
107Kb / 1P
IDT Serial RapidIO Switch Feature ComparisonChart
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
Quad 10 SPDT Analog Switch
logo
Integrated Device Techn...
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-12 RENESAS-CPS-12 Datasheet
1Mb / 48P
12-Port Serial RapidIO® Switch
March 31, 2008
CPS-16 RENESAS-CPS-16 Datasheet
904Kb / 48P
16-Port Serial RapidIO® Switch
April 6, 2016
CPS-8 RENESAS-CPS-8 Datasheet
920Kb / 48P
8-Port Serial RapidIO® Switch
March 31, 2008
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1616 RENESAS-CPS-1616 Datasheet
1Mb / 78P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com