Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA100 Datasheet (PDF) - Astec America, Inc

APA100 Datasheet PDF - Astec America, Inc
Part # APA100
Download  APA100 Download
File Size   1293.64 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single

APA100 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA100 Datasheet PDF - Astec America, Inc

Part # APA100
Download  APA100 Click to download

File Size   1293.64 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single

APA100 Datasheet (HTML) - Astec America, Inc


APA100 Product details

Special Features

• Unity power factor

• High efficiency - up to 96%

• Universal input voltage and frequency range

• Up to 1200W output power

• Parallelable with current sharing within 3%

• < 10% harmonic distortion conforming to IEC555-2

• 85°C baseplate operating temperature (no derating)

• High reliability - over 1 million hours MTBF

• Power fail warning signal

• PLD feature

• Enable output to control AMPSS® DC-DC converters

• 125Khz fixed Switching frequency




Similar Part No. - APA100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA1000 ACTEL-APA1000 Datasheet
1Mb / 174P
Ultra-Fast Local and Long-Line Network
APA1000 ACTEL-APA1000 Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA1000 MICROSEMI-APA1000 Datasheet
1Mb / 174P
ProASICPLUS Flash Family FPGAs
APA1000 MICROSEMI-APA1000 Datasheet
4Mb / 178P
ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA1000 ACTEL-APA1000 Datasheet
352Kb / 10P
ProASICPLUS Flash Family FPGAs
More results


Similar Description - APA100

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE00-12VIN ASTEC-AEE00-12VIN Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE04 ASTEC-AEE04 Datasheet
473Kb / 2P
Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
55 Watts Maximum Continuous Power - Total of all Outputs.
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
Universal input 85 - 265 VAC
logo
Artesyn Technologies
AVD85-48S3V3-6L ARTESYN-AVD85-48S3V3-6L Datasheet
627Kb / 3P
Total Power: 85 Watts
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com