Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEE04 Datasheet (PDF) - Astec America, Inc

AEE04 Datasheet PDF - Astec America, Inc
Part # AEE04
Download  AEE04 Download
File Size   473.99 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual

AEE04 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEE04 Datasheet PDF - Astec America, Inc

Part # AEE04
Download  AEE04 Click to download

File Size   473.99 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual

AEE04 Datasheet (HTML) - Astec America, Inc


AEE04 Product details

Special Features
• 15 W, Single output
• High Efficiency
• 2:1 Input range
• 1.0" x 2.0" x 0.4 case
• Industry standard package
• Low Profile
• Low Cost




Similar Part No. - AEE04

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEE04 EMERSON-NETWORKPOWER-AEE04 Datasheet
114Kb / 2P
15 W, Single, Dual output
logo
Artesyn Technologies
AEE04B18-L ARTESYN-AEE04B18-L Datasheet
717Kb / 3P
POWER 50 Watts
AEE04B36-L ARTESYN-AEE04B36-L Datasheet
717Kb / 3P
POWER 50 Watts
logo
Astec America, Inc
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
15 Watts
AEE04F18-L ASTEC-AEE04F18-L Datasheet
169Kb / 2P
AEE Series
More results


Similar Description - AEE04

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE00-12VIN ASTEC-AEE00-12VIN Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
APA100 ASTEC-APA100 Datasheet
1Mb / 2P
Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
logo
Power-One
FNP300-1012 POWER-ONE-FNP300-1012 Datasheet
115Kb / 6P
AC-DC Power Supply 12V, 24V, 48V Output, 300 Watts
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
55 Watts Maximum Continuous Power - Total of all Outputs.
logo
Wall Industries,Inc.
DTMPU16 WALL-DTMPU16 Datasheet
290Kb / 5P
90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com