Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

854S057 Datasheet (PDF) - Renesas Technology Corp

854S057 Datasheet PDF - Renesas Technology Corp
Part # 854S057
Download  854S057 Download
File Size   485.06 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination

854S057 Datasheet (PDF)

Go To PDF Page Download Datasheet
854S057 Datasheet PDF - Renesas Technology Corp

Part # 854S057
Download  854S057 Click to download

File Size   485.06 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination

854S057 Datasheet (HTML) - Renesas Technology Corp


854S057 Product details

Features
• High speed differential multiplexer. The device can be configured
as either a 4:1 or 2:1 multiplexer
• One LVDS output pair
• Four selectable PCLK, nPCLK inputs with internal termination
• PCLKx, nPCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: 2GHz
• Part-to-part skew: 200ps (maximum)
• Propagation delay: 650ps (maximum)
• Additive phase jitter, RMS: 0.047ps (typical)
• Full 2.5V power supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 854S057

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
854S057B RENESAS-854S057B Datasheet
776Kb / 16P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
February 10, 2016
logo
Integrated Device Techn...
854S057BGILF IDT-854S057BGILF Datasheet
532Kb / 15P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
logo
Renesas Technology Corp
854S057BGILF RENESAS-854S057BGILF Datasheet
776Kb / 16P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
February 10, 2016
logo
Integrated Device Techn...
854S057BGILFT IDT-854S057BGILFT Datasheet
532Kb / 15P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
logo
Renesas Technology Corp
854S057BGILFT RENESAS-854S057BGILFT Datasheet
776Kb / 16P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
February 10, 2016
More results


Similar Description - 854S057

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854057 ICST-ICS854057 Datasheet
256Kb / 13P
4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
REV. A JULY 18, 2005
logo
Micrel Semiconductor
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
Integrated Device Techn...
854S057B IDT-854S057B_16 Datasheet
532Kb / 15P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
889474 IDT-889474 Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
854S057B RENESAS-854S057B Datasheet
776Kb / 16P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
February 10, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com