Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854057 Datasheet (PDF) - Integrated Circuit Systems

ICS854057 Datasheet PDF - Integrated Circuit Systems
Part # ICS854057
Download  ICS854057 Download
File Size   256.27 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION

ICS854057 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854057 Datasheet PDF - Integrated Circuit Systems

Part # ICS854057
Download  ICS854057 Click to download

File Size   256.27 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION

ICS854057 Datasheet (HTML) - Integrated Circuit Systems


ICS854057 Product details

GENERAL DESCRIPTION
The ICS854057 is a 4:1 or 2:1 LVDS Clock Multiplexer which can operate up to 2GHz and is a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The PCLK, nPCLK pairs can accept most standard differential input levels. Internal termination is provided on each differential input pair. The ICS854057 operates using a 2.5V supply voltage. The fully differential architecture and low propagation delay make it ideal for use in high speed multiplexing applications. The select pins have internal pulldown resistors.

FEATURES
• High speed differential multiplexer. The device can be configured as either a 4:1 or 2:1 multiplexer
• Single LVDS output
• 4 selectable PCLK, nPCLK inputs with internal termination
• PCLK, nPCLK pairs can accept the following differential input levels: LVPECL, LVDS, CML, SSTL
• Output frequency: >2GHz
• Part-to-part skew: 200ps (maximum)
• Propagation delay: 800ps (maximum)
• Additive phase jitter, RMS: 66fs (typical)
• 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both, Standard and RoHS/Lead-Free compliant packages




Similar Part No. - ICS854057

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AG ICST-ICS854054AG Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGLF ICST-ICS854054AGLF Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGLFT ICST-ICS854054AGLFT Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGT ICST-ICS854054AGT Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
More results


Similar Description - ICS854057

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
Integrated Device Techn...
854S057B IDT-854S057B_16 Datasheet
532Kb / 15P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
889474 IDT-889474 Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
854S057B RENESAS-854S057B Datasheet
776Kb / 16P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
February 10, 2016
854S057 RENESAS-854S057 Datasheet
485Kb / 16P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com