Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854057 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS854057
Description  4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS854057 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS854057 Datasheet HTML 1Page - Integrated Circuit Systems ICS854057 Datasheet HTML 2Page - Integrated Circuit Systems ICS854057 Datasheet HTML 3Page - Integrated Circuit Systems ICS854057 Datasheet HTML 4Page - Integrated Circuit Systems ICS854057 Datasheet HTML 5Page - Integrated Circuit Systems ICS854057 Datasheet HTML 6Page - Integrated Circuit Systems ICS854057 Datasheet HTML 7Page - Integrated Circuit Systems ICS854057 Datasheet HTML 8Page - Integrated Circuit Systems ICS854057 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
854057AG
www.icst.com/products/hiperclocks.html
REV. A JULY 18, 2005
1
Integrated
Circuit
Systems, Inc.
ICS854057
4:1 OR 2:1 LVDS CLOCK MULTIPLEXER
WITH
INTERNAL INPUT TERMINATION
GENERAL DESCRIPTION
The ICS854057 is a 4:1 or 2:1 LVDS Clock Mul-
tiplexer which can operate up to 2GHz and is a
member of the HiPerClockS™ family of High Per-
formance Clock Solutions from ICS. The PCLK,
nPCLK pairs can accept most standard differen-
tial input levels. Internal termination is provided on each dif-
ferential input pair. The ICS854057 operates using a 2.5V sup-
ply voltage. The fully differential architecture and low propa-
gation delay make it ideal for use in high speed multiplexing
applications. The select pins have internal pulldown resistors.
Leaving one input unconnected (pulled to logic low by the in-
ternal resistor) will transform the device into a 2:1 multiplexer.
The SEL1 pin is the most significant bit and the binary num-
ber applied to the select pins will select the same numbered
data input (i.e., 00 selects PCLK0, nPCLK0).
FEATURES
• High speed differential multiplexer.The device can be
configured as either a 4:1 or 2:1 multiplexer
• Single LVDS output
• 4 selectable PCLK, nPCLK inputs with internal termination
• PCLK, nPCLK pairs can accept the following differential
input levels: LVPECL, LVDS, CML, SSTL
• Output frequency: >2GHz
• Part-to-part skew: 200ps (maximum)
• Propagation delay: 800ps (maximum)
• Additive phase jitter, RMS: 66fs (typical)
• 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both, Standard and RoHS/Lead-Free compliant
packages
HiPerClockS™
ICS
00
01
10
11
BLOCK DIAGRAM
PIN ASSIGNMENT
VDD
PCLK0
VT0
nPCLK0
SEL1
SEL0
PCLK1
VT1
nPCLK1
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
PCLK3
VT3
nPCLK3
Q
nQ
PCLK2
VT2
nPCLK2
GND
ICS854057
20-Lead TSSOP
4.40mm x 6.50mm x 0.925mm body package
G Package
Top View
VT0
PCLK0
nPCLK0
VT1
PCLK1
nPCLK1
VT2
PCLK2
nPCLK2
VT3
PCLK3
nPCLK3
Q
nQ
50
50
50
50
50
50
50
50
SEL1
SEL0
Pulldown
Pulldown


Similar Part No. - ICS854057

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AG ICST-ICS854054AG Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGLF ICST-ICS854054AGLF Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGLFT ICST-ICS854054AGLFT Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AGT ICST-ICS854054AGT Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
More results

Similar Description - ICS854057

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
Integrated Device Techn...
854S057B IDT-854S057B_16 Datasheet
532Kb / 15P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
889474 IDT-889474 Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
854S057B RENESAS-854S057B Datasheet
776Kb / 16P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
February 10, 2016
854S057 RENESAS-854S057 Datasheet
485Kb / 16P
4:1 or 2:1 LVDS Clock Multiplexer with Internal Input Termination
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com