Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854057 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS854057
Description  4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS854057 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS854057 Datasheet HTML 5Page - Integrated Circuit Systems ICS854057 Datasheet HTML 6Page - Integrated Circuit Systems ICS854057 Datasheet HTML 7Page - Integrated Circuit Systems ICS854057 Datasheet HTML 8Page - Integrated Circuit Systems ICS854057 Datasheet HTML 9Page - Integrated Circuit Systems ICS854057 Datasheet HTML 10Page - Integrated Circuit Systems ICS854057 Datasheet HTML 11Page - Integrated Circuit Systems ICS854057 Datasheet HTML 12Page - Integrated Circuit Systems ICS854057 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
854057AG
www.icst.com/products/hiperclocks.html
REV. A JULY 18, 2005
10
Integrated
Circuit
Systems, Inc.
ICS854057
4:1 OR 2:1 LVDS CLOCK MULTIPLEXER
WITH
INTERNAL INPUT TERMINATION
SCHEMATIC EXAMPLE
Figure 4shows a schematic example of the ICS854057. In this
example, the PCLK0/nPCLK0 and PCLK1/nPCLK1 inputs are
FIGURE 4. EXAMPLE ICS854057 LVDS SCHEMATIC
used. The decoupling capacitors should be physically located
near the power pin.
INPUTS:
PCLK/nPCLK INPUT:
For applications not requiring the use of a differential input, both
the PCLK and nPCLK pins can be left floating. Though not
required, but for additional protection, a 1k
Ω resistor can be tied
from PCLK to ground.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVDS OUTPUT
All unused LVDS outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential
output pair should either be left floating or terminated.
(U1,20)
R2
680
Zo = 50
Zo = 50
VDD
VDD
VDD
R3
680
Zo = 50
Zo = 50
R5
100
R1
680
U1
ICS854057
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
VDD
PCLK0
VT0
nPCLK0
SEL1
SEL0
PCLK1
VT1
nPCLK1
GND
GND
nPCLK2
VT2
PCLK2
nQ
Q
VDD
PCLK3
VT3
nPCLK3
Zo = 50
VDD
VDD
LVDS
+
-
R4
680
R6
18
Zo = 50
VDD
VDD
VD D=2.5V
LVDS
R1
1K
LVPECL
C2
0.1u
(U1,1)
R1
1K
C1
0.1u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com