Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854057 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS854057
Description  4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS854057 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS854057 Datasheet HTML 5Page - Integrated Circuit Systems ICS854057 Datasheet HTML 6Page - Integrated Circuit Systems ICS854057 Datasheet HTML 7Page - Integrated Circuit Systems ICS854057 Datasheet HTML 8Page - Integrated Circuit Systems ICS854057 Datasheet HTML 9Page - Integrated Circuit Systems ICS854057 Datasheet HTML 10Page - Integrated Circuit Systems ICS854057 Datasheet HTML 11Page - Integrated Circuit Systems ICS854057 Datasheet HTML 12Page - Integrated Circuit Systems ICS854057 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
854057AG
www.icst.com/products/hiperclocks.html
REV. A JULY 18, 2005
9
Integrated
Circuit
Systems, Inc.
ICS854057
4:1 OR 2:1 LVDS CLOCK MULTIPLEXER
WITH
INTERNAL INPUT TERMINATION
LVPECL INPUT WITH BUILT-IN 50
Ω
Ω
Ω
Ω
Ω TERMINATIONS INTERFACE
The PCLK /nPCLK with built-in 50
Ω terminations accepts
LVDS, LVPECL, LVHSTL, CML, SSTL and other differential
signals. Both VSWING and VOH must meet the V
PP and VCMR
input requirements.
Figures 3A to 3E show interface
examples for the HiPerClockS PCLK/nPLCK input with built-in
50
Ω terminations driven by the most common driver types.The
input interfaces suggested here are examples only. If the driver
is from another vendor, use their termination recommendation.
Please consult with the vendor of the driver component to
confirm the driver termination requirements.
FIGURE 3A. HIPERCLOCKS PCLK/nPCLK INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN LVDS DRIVER
FIGURE 3B. HIPERCLOCKS PCLK/nPCLK INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN LVPECL DRIVER
IN
nIN
VT
2.5V
LVDS
3.3V or 2.5V
Zo = 50 Ohm
Zo = 50 Ohm
Receiver
With
Built-In
50 Ohm
Zo = 50 Ohm
Receiver
With
Built-In
50 Ohm
Zo = 50 Ohm
IN
nIN
VT
2.5V
2.5V
R1
18
2.5V LVPECL
FIGURE 3E. HIPERCLOCKS PCLK/nPCLK INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN SSTL DRIVER
FIGURE 3C. HIPERCLOCKS PCLK/nPCLK INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN OPEN COLLECTOR
CML DRIVER
FIGURE 3D. HIPERCLOCKS PCLK/nPCLK INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY A CML DRIVER
WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω PULLUP
Zo = 50 Ohm
2.5V
Zo = 50 Ohm
IN
nIN
VT
Receiver
With
Built-In
50 Ohm
2.5V
CML - Open Collector
IN
nIN
VT
Receiver
With
Built-In
50 Ohm
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
CML - Built-in 50 Ohm Pull-up
2.5V
2.5V
2.5V
SSTL
R1
25
R2
25
IN
VT
nIN
Receiver With Built-In 50
Ω
Zo = 50 Ohm
Zo = 50 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com