Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854057 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS854057
Description  4:1 OR 2:1 LVDS CLOCK MULTIPLEXER WITH INTERNAL INPUT TERMINATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS854057 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS854057 Datasheet HTML 4Page - Integrated Circuit Systems ICS854057 Datasheet HTML 5Page - Integrated Circuit Systems ICS854057 Datasheet HTML 6Page - Integrated Circuit Systems ICS854057 Datasheet HTML 7Page - Integrated Circuit Systems ICS854057 Datasheet HTML 8Page - Integrated Circuit Systems ICS854057 Datasheet HTML 9Page - Integrated Circuit Systems ICS854057 Datasheet HTML 10Page - Integrated Circuit Systems ICS854057 Datasheet HTML 11Page - Integrated Circuit Systems ICS854057 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
854057AG
www.icst.com/products/hiperclocks.html
REV. A JULY 18, 2005
8
Integrated
Circuit
Systems, Inc.
ICS854057
4:1 OR 2:1 LVDS CLOCK MULTIPLEXER
WITH
INTERNAL INPUT TERMINATION
APPLICATION INFORMATION
2.5V LVDS DRIVER TERMINATION
Figure 1 shows a typical termination for LVDS driver in charac-
teristic impedance of 100
Ω differential (50Ω single) transmis-
FIGURE 1. TYPICAL LVDS DRIVER TERMINATION
sion line environment. For buffer with multiple LDVS driver, it is
recommended to terminate the unused output.
2.5V
+
-
2.5V
R1
100
LVDS_Driv er
100 Ohm Differiential Transmission Line
PCLK
nPCLK
VT
R2
680
2.5V
2.5V
Receiver
with
Built-In
50 Ohm
R1
680
FIGURE 2. UNUSED INPUT HANDLING
2.5V DIFFERENTIAL INPUT WITH BUILT-IN 50
Ω
Ω
Ω
Ω
Ω TERMINATION UNUSED INPUT HANDLING
To prevent oscillation and to reduce noise, it is recommended to
have pull up and pull down connected to true and complement of
the unused input as shown in
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com