Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87322BI Datasheet (PDF) - Renesas Technology Corp

87322BI Datasheet PDF - Renesas Technology Corp
Part # 87322BI
Download  87322BI Download
File Size   429.9 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷1/÷2, 3.3V LVPECL/ECL Clock Generator

87322BI Datasheet (PDF)

Go To PDF Page Download Datasheet
87322BI Datasheet PDF - Renesas Technology Corp

Part # 87322BI
Download  87322BI Click to download

File Size   429.9 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷1/÷2, 3.3V LVPECL/ECL Clock Generator

87322BI Datasheet (HTML) - Renesas Technology Corp


87322BI Product details

FEATURES
• Fifteen differential LVPECL outputs
• Selectable LVPECL differential clock inputs
• CLK0, nCLK0 and CLK1, nCLK1 can accept the
following differential input levels: LVPECL, LVDS, CML,
SSTL
• Output frequency: 750MHz (maximum)
• Output skew: 180ps (maximum)
• Bank skew: 65ps (maximum)
• Part-to-part skew: 500ps (maximum)
• LVPECL mode operating voltage supply range:
VCC = 3V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.8V to -3V
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant




Similar Part No. - 87322BI

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8732 GILWAY-8732 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
C&K Components
8732 CK-COMPONENTS-8732 Datasheet
224Kb / 3P
Overtravel Pushbutton Switches
logo
Mallory performance clu...
8732 MALLORY-8732 Datasheet
241Kb / 4P
Digital 2-Step
logo
Belden Inc.
8732 BELDEN-8732 Datasheet
164Kb / 2P
Electronic, 2 Pr #22 Str TC, PO Ins, 1Pr w/ TC Brd, PVC Jkt, CM
05-05-2023
logo
Keystone Electronics Co...
8732 KEYSTONE-8732 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results


Similar Description - 87322BI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8732-01 IDT-8732-01 Datasheet
210Kb / 17P
Low Voltage, Low Skew 3.3V LVPECL Clock Generator
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
Low Skew Differential-to-3.3V LVPECL Clock Generator
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
Low Skew Differential-to- 3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
Low Skew, Differential-to-3.3V LVPECL Clock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
8732-01 RENESAS-8732-01 Datasheet
406Kb / 18P
Low Voltage, Low Skew 3.3V LVPECL Clock Generator
January 22, 2016
8737-11 RENESAS-8737-11 Datasheet
425Kb / 18P
Low Skew, ÷1/÷2 Differential-to-3.3V LVPECL Clock Generator
2/13/15
8737I-11 RENESAS-8737I-11 Datasheet
550Kb / 16P
Low Skew ÷1/÷2 Differential-to- 3.3V LVPECL Clock Generator
7/16/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com