Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8732-01 Datasheet (PDF) - Renesas Technology Corp

8732-01 Datasheet PDF - Renesas Technology Corp
Part # 8732-01
Download  8732-01 Download
File Size   406.63 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, Low Skew 3.3V LVPECL Clock Generator

8732-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
8732-01 Datasheet PDF - Renesas Technology Corp

Part # 8732-01
Download  8732-01 Click to download

File Size   406.63 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, Low Skew 3.3V LVPECL Clock Generator

8732-01 Datasheet (HTML) - Renesas Technology Corp


8732-01 Product details

Features
• Ten differential 3.3V LVPECL outputs
• Selectable differential CLK0, nCLK0 or
LVCMOS/LVTTL CLK1 inputs
• CLK0, nCLK0 supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• CLK1 accepts the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
with confi gurable frequencies
• Cycle-to-cycle jitter: CLK0, nCLK0, 50ps (maximum)
CLK1, 80ps (maximum)
• Output skew: 150ps (maximum)
• Static phase offset: -150ps to 150ps
• Lead-Free package fully RoHS compliant




Similar Part No. - 8732-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8732-01 IDT-8732-01 Datasheet
210Kb / 17P
Low Voltage, Low Skew 3.3V LVPECL Clock Generator
More results


Similar Description - 8732-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JULY 13, 2001
logo
Integrated Device Techn...
8732-01 IDT-8732-01 Datasheet
210Kb / 17P
Low Voltage, Low Skew 3.3V LVPECL Clock Generator
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
Low Skew Differential-to-3.3V LVPECL Clock Generator
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
Low Skew Differential-to- 3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
Low Skew, Differential-to-3.3V LVPECL Clock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
8737-11 RENESAS-8737-11 Datasheet
425Kb / 18P
Low Skew, ÷1/÷2 Differential-to-3.3V LVPECL Clock Generator
2/13/15
8737I-11 RENESAS-8737I-11 Datasheet
550Kb / 16P
Low Skew ÷1/÷2 Differential-to- 3.3V LVPECL Clock Generator
7/16/15
87322BI RENESAS-87322BI Datasheet
429Kb / 17P
Low Skew, ÷1/÷2, 3.3V LVPECL/ECL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com