Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1935 Datasheet (PDF) - PREMIER DEVICES, INC.

P1935 Datasheet PDF - PREMIER DEVICES, INC.
Part # P1935
Download  P1935 Download
File Size   203.11 Kbytes
Page   5 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz

P1935 Datasheet (PDF)

Go To PDF Page Download Datasheet
P1935 Datasheet PDF - PREMIER DEVICES, INC.

Part # P1935
Download  P1935 Click to download

File Size   203.11 Kbytes
Page   5 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz

P1935 Datasheet (HTML) - PREMIER DEVICES, INC.


P1935 Product details

DESCRIPTION
• The P1935 is a high performance 1.9 GHz band power amplifier offering excellent linearity. The device provides 33.5 dBm output power with a typical 35.7 dB gain at 1.9 GHz. It is housed in a cost effective metal package and operates from +10 V and –5 V power supplies.

FEATURES
• 1.9 GHz Power Amplifier Module
• Typical 33.5 dBm output power
• Excellent adjacent leakage power
• Typical 35.7 dB power gain
• Low cost metal package

APPLICATION
• Final stage power amplifier of base station for PHS




Similar Part No. - P1935

ManufacturerPart #DatasheetDescription
logo
Semikron International
P19 SEMIKRON-P19 Datasheet
485Kb / 3P
For capsule devices
logo
LUMEL S.A.
P19 LUMEL-P19 Datasheet
789Kb / 2P
tEMPErAtUrE AND hUMiDity trANSDUcEr
P19-00E0 LUMEL-P19-00E0 Datasheet
789Kb / 2P
tEMPErAtUrE AND hUMiDity trANSDUcEr
P19-00E1 LUMEL-P19-00E1 Datasheet
789Kb / 2P
tEMPErAtUrE AND hUMiDity trANSDUcEr
P19-00EX LUMEL-P19-00EX Datasheet
789Kb / 2P
tEMPErAtUrE AND hUMiDity trANSDUcEr
More results


Similar Description - P1935

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD923 PHILIPS-CGD923 Datasheet
52Kb / 8P
870 MHz, 20 dB gain power doubler amplifier
2002 Oct 08
logo
Tyco Electronics
MAAPSS0071 MACOM-MAAPSS0071 Datasheet
237Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
logo
Skyworks Solutions Inc.
SKY77198-12 SKYWORKS-SKY77198-12 Datasheet
74Kb / 2P
Power Amplifier Module for TD-SCDMA (1880-1920 MHz, 2010-2025 MHz)
logo
NXP Semiconductors
BGR269 NXP-BGR269 Datasheet
98Kb / 8P
200 MHz, 35 dB gain reverse amplifier
Rev. 6-5 August 2010
logo
Quanzhou Jinmei Electro...
BGD702_2015 JMNIC-BGD702_2015 Datasheet
65Kb / 12P
750 MHz, 18.5 dB gain power doubler amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
860 MHz, 18.5 dB gain power doubler amplifier
logo
Pasternack Enterprises,...
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
Gain 36 dB min
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
Gain 30 dB min
logo
WALSIN TECHNOLOGY CORPO...
SF11091900B3907T WALSIN-SF11091900B3907T Datasheet
768Kb / 8P
1880~1920 MHz Band Working Frequency
SF14111900B3906T WALSIN-SF14111900B3906T Datasheet
594Kb / 8P
1880~1920 MHz Band Working Frequency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com