Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9323A Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

9323A Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 9323A
Download  9323A Download
File Size   1223.34 Kbytes
Page   10 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Press Force Sensor 0 … 5 N to 0 … 700 kN

9323A Datasheet (PDF)

Go To PDF Page Download Datasheet
9323A Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 9323A
Download  9323A Click to download

File Size   1223.34 Kbytes
Page   10 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Press Force Sensor 0 … 5 N to 0 … 700 kN

9323A Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


9323A Product details

• Compression forces from 0 ... 5 N to 0 ... 700 kN
• Each individual sensor offers an extremely wide measuring
range
• Calibration certificate for 3 measuring ranges: 100 %, 10 %, 1
% and 0,1 % (Type 9323AAA only)
• SCS calibration optional
• Simple mechanical adaptation with flanges on both ends
• Easily mounted in connecting rods or press plungers
• Factor of safety against overload of up to 100 when using
lowest ranges




Similar Part No. - 9323A

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9323 KEYSTONE-9323 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9323 HEYCO-9323 Datasheet
98Kb / 1P
Snap Rivets – continued
9323 HEYCO-9323 Datasheet
152Kb / 2P
Snap Rivets
logo
Belden Inc.
932321100 BELDEN-932321100 Datasheet
396Kb / 2P
Circular Receptacle Power Connector (CA Series): Female, front mount with flange, 4-pin(3PE), 400 V AC/230 V DC, 16 A AC/10 A DC
932321101 BELDEN-932321101 Datasheet
396Kb / 2P
Circular Receptacle Power Connector (CA Series): Female, front mount with flange, 4-pin(3PE), 400 V AC/230 V DC, 16 A AC/10 A DC
More results


Similar Description - 9323A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
KISTLER INSTRUMENT CORP...
910XC KISTLER-910XC Datasheet
377Kb / 6P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
913XC KISTLER-913XC Datasheet
847Kb / 6P
Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
914XB KISTLER-914XB Datasheet
295Kb / 5P
SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
Press Force Sensor 0 … 50 N to 0 … 20 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
9260AA KISTLER-9260AA Datasheet
879Kb / 5P
Multicomponent Force Plate for Gait and Balance Analysis in Biomechanics, Fz 0 ... 5 kN
9285B KISTLER-9285B Datasheet
485Kb / 3P
Multicomponent Force Plate with Glass Top Plate for Biomechanics, Fz 0 ... 10 kN
9286B KISTLER-9286B Datasheet
1Mb / 4P
Multicomponent Force Plate Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com