Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

914XB Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

914XB Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 914XB
Download  914XB Download
File Size   295.0 Kbytes
Page   5 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,90,9 kN up to 0 … ±8 kN

914XB Datasheet (PDF)

Go To PDF Page Download Datasheet
914XB Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 914XB
Download  914XB Click to download

File Size   295.0 Kbytes
Page   5 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,90,9 kN up to 0 … ±8 kN

914XB Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


914XB Product details

• Extremely small size with up to 8 kN measuring range
(shear force)
• Flexible mounting in structures
• Sealed case (IP65)
• Integral non-detachable cable with Fluoropolymer sheath




Similar Part No. - 914XB

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
914XBA-SET KISTLER-914XBA-SET Datasheet
841Kb / 5P
Set SlimLine with Integrated, Single-Component SlimLine Shear Force Sensor
More results


Similar Description - 914XB

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
910XC KISTLER-910XC Datasheet
377Kb / 6P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
913XC KISTLER-913XC Datasheet
847Kb / 6P
Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
917XC KISTLER-917XC Datasheet
313Kb / 3P
Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
Press Force Sensor 0 … 50 N to 0 … 20 kN
93X3A KISTLER-93X3A Datasheet
1Mb / 10P
Press Force Sensor 0 … 5 N to 0 … 700 kN
93X7-8C KISTLER-93X7-8C Datasheet
1Mb / 6P
Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
9211B KISTLER-9211B Datasheet
329Kb / 2P
Quartz Crystal Miniature Force Sensor for Measuring Dynamic and Quasistatic Forces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com