Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

914XB Datasheet(PDF) 3 Page - KISTLER INSTRUMENT CORPORATION

Part # 914XB
Description  SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

914XB Datasheet(HTML) 3 Page - KISTLER INSTRUMENT CORPORATION

  914XB Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2009 ... 2016, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 3/5
SlimLine Sensor (SLS), Measurement of Dynamic and Quasistatic Shear Forces,
0 … ±0,9 kN up to 0 … ±8 kN, Type 9143B… up to 9147B…
Calibration
The preloading bolt needed for fitting the sensor forms a force
shunt, i.e. the sensor measures only about 90 % of the entire
force. Accordingly, the exact sensitivity of a sensor can only be
determined after preloading.
The SlimLine sensor is therefore delivered uncalibrated. Its
sensitivity can be determined by calibration only after it has
been fitted.
Z12472-433
b
9143-9146
5.6.97
Kk
Z12472-434
b
9143-9146
5.6.97
Kk
Z12472-435
b
9143-9146
5.6.97
Kk
M
M
Z12472-436
b
9143-9146
5.6.97
Kk
F
F
Installation Examples in Shear Force Plates
Fig. 5: Single-component dynamometer. Measurement of shear forces Fy.
Note: two sensors must be fitted so that they are arranged around
the connector axis.
Fig. 6: Torque dynamometer. The resultant torque M can be calculated by
measuring the shear forces Fy.
Reducation in Measuring Range with Additional Bending Moment for SlimLine Sensors (SLS)
Fig. 4: Bending moment Mb = Fy ∙ h
Basic Type
max. Bending
Reduction of measuring
Moment Mb,zul 1)
range Fy when allowable
(Fz = 0)
bending moment [kN/N·m]
[N·m]
exceeded
9143B…
10,2
0,0456
9144B…
24,0
0,0369
9145B…
30,5
0,0290
9146B…
96,5
0,0231
9147B…
100,0
0,0201
1)
The allowable bending moment Mb,zul must not be exceeded. If this is
unavoidable in the particular application, the measuring range Fy must
be simultaneously reduced as shown in the following example.
Example
A bending moment Mb of 35 N·m acts on a sensor Type 9144B… . What is the magnitude of the maximum measuring range
Fy?
The acting bending moment Mb is 35 N·m – 24 N·m = 11 N·m greater than the allowable value. This reduces the measuring range
Fy from 1,70 kN by 11 N·m x 0,0369 kN/N·m = 0,41 kN to 1,29 kN.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com