Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

914XB Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 914XB
Description  SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

914XB Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  914XB Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 914XB Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2009 ... 2016, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 2/5
SlimLine Sensor (SLS), Measurement of Dynamic and Quasistatic Shear Forces,
0 … ±0,9 kN up to 0 … ±8 kN, Type 9143B… up to 9147B…
Measuring direction + Fy cover plate
Measuring direction – Fy base plate
Fig. 2: Two pins prevent the sensor from turning
Fig. 1: Dimensions SlimLine Sensor
Pins projecting 2,8 mm
Information for Installation
for SL Sensor Type
9143B…
9144B…
9145B…
9146B…
9147B…
Thread M
M6
M8
M10
M12
M14
Bore d1
mm
6,4
8,4
10,5
13
15
Plate thickness A
mm
12
16
20
24
27
Distance T
mm
13
15
17
20
23
Max. tightening
N·m
10
23
46
79
135
torque for preloading
Basic Type Fitted with Set Screw
Basic Type
Measuring
Preloading
Tightening
Range Fy
Force Fv
Torque
[kN]
[kN]
[N·m]
9143B…
0,9
9,0
10,0
9144B…
1,7
17,0
23,0
9145B…
2,7
27,0
46,0
9146B…
4,0
40,0
79,0
9147B…
8,0
80,0
135,0
Installation
A shear force sensor must always be fitted under preload,
since the shear forces are transmitted by stiction. The contact
surfaces with the sensor must be absolutely free of grease,
finish machined and rigid. The adjacent table contains the
most important information concerning preloading. Note: The
stated tightening torque applies only to the screw thread M
mentioned (lightly greased).
Markings on the sensor case facilitate its alignment. Two pins
can be used to prevent the sensor from turning during its
installation (Fig. 3).
F
Fig. 3: Mounting dimensions with direct force measurement
geschliffen
Ra 0,4
Ra 0,4
geschliffen
0,01
grounded
grounded



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com