Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG842 Datasheet (PDF) - Analog Devices

ADG842 Datasheet PDF - Analog Devices
Part # ADG842
Download  ADG842 Download
File Size   552.76 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70

ADG842 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG842 Datasheet PDF - Analog Devices

Part # ADG842
Download  ADG842 Click to download

File Size   552.76 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70

ADG842 Datasheet (HTML) - Analog Devices


ADG842 Product details

GENERAL DESCRIPTION
The ADG841 and ADG842 are low voltage CMOS devices containing a single-pole, single-throw (SPST) switch. The ADG841 is closed for a Logic 1 input and the ADG842 is open for a Logic 1 input. The devices offer ultralow on resistance of less than 0.48 Ω over the full temperature range. The ADG841/ADG842 are fully specified for 3.3 V, 2.5 V, and 1.8 V supply operation.

FEATURES
   Ultralow on resistance
      0.28 Ω typical
      0.48 Ω max at 125°C
   Excellent audio performance, ultralow distortion
      0.025 Ω typical
      0.052 Ω max RON flatness
   1.65 V to 3.6 V single supply
   High current carrying capability
      300 mA continuous current
      500 mA peak current
   Automotive temperature range: –40°C to +125°C
   Rail-to-rail operation
   Typical power consumption (<0.01 µW)

APPLICATIONS
   Handsets
   PDAs
   MP3 players
   Power routing
   Battery-powered systems
   Communication systems
   Modems
   PCMCIA cards




Similar Part No. - ADG842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG842 AD-ADG842_15 Datasheet
553Kb / 16P
Single SPST Switches in SC70
REV. 0
More results


Similar Description - ADG842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811 AD-ADG811 Datasheet
392Kb / 16P
0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG839 AD-ADG839 Datasheet
436Kb / 16P
0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
10/04-Revision 0
ADG804 AD-ADG804 Datasheet
157Kb / 16P
0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
4/04-Revision 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
<0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG841 AD-ADG841_15 Datasheet
553Kb / 16P
Single SPST Switches in SC70
REV. 0
ADG842 AD-ADG842_15 Datasheet
553Kb / 16P
Single SPST Switches in SC70
REV. 0
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
1.65 V to 2.75 V, SPST Switches
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com