Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1067 Datasheet (PDF) - Analog Devices

ADM1067 Datasheet PDF - Analog Devices
Part # ADM1067
Download  ADM1067 Download
File Size   640.59 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer with Open-Loop Margining DACs

ADM1067 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1067 Datasheet PDF - Analog Devices

Part # ADM1067
Download  ADM1067 Click to download

File Size   640.59 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer with Open-Loop Margining DACs

ADM1067 Datasheet (HTML) - Analog Devices


ADM1067 Product details

GENERAL DESCRIPTION
The ADM1067 is a configurable supervisory/sequencing device that offers a single-chip solution for supply monitoring and sequencing in multiple supply systems. In addition to these functions, the ADM1067 integrates six 8-bit voltage output DACs. These circuits can be used to implement an open-loop margining system, which enables supply adjustment by altering either the feedback node or reference of a dc-to-dc converter using the DAC outputs.

FEATURES
   Complete supervisory and sequencing solution for up to
      10 supplies
   10 supply fault detectors enable supervision of supplies to
      <0.5% accuracy at all voltages at 25°C
      <1.0 % accuracy across all voltages and temperatures
   5 selectable input attenuators allow supervision
      Supplies up to 14.4 V on VH
      Supplies up to 6 V on VPn (VP1 to VP4)
   5 dual-function inputs, VXn (VX1 to VX5)
      High impedance input to supply fault detector with
         thresholds between 0.573 V and 1.375 V
      General-purpose logic input
   10 programmable output drivers (PDO1 to PDO10)
      Open collector with external pull-up
      Push/pull output, driven to VDDCAP or VPn
      Open collector with weak pull-up to VDDCAP or VPn
      Internally charge-pumped high drive for use with external
         N-FET (PDO1 to PDO6 only)
   Sequencing engine (SE) implements state machine control of
      PDO outputs
      State changes conditional on input events
      Enables complex control of boards
      Power-up and power-down sequence control
      Fault event handling
      Interrupt generation on warnings
      Watchdog function can be integrated in SE
      Program software control of sequencing through SMBus
   Open-loop margining solution for 6 voltage rails
   6 voltage output 8-bit DACs (0.300 V to 1.551 V) allow
      voltage adjustment via dc-to-dc converter trim/feedback
      node
   Device powered by the highest of VPn, VH for improved
      redundancy
   User EEPROM: 256 bytes
   Industry-standard 2-wire bus interface (SMBus)
   Guaranteed PDO low with VH, VPn = 1.2 V
   Available in 2 packages
      40-lead, 6 mm × 6 mm LFCSP
      48-lead, 7 mm × 7 mm TQFP

APPLICATIONS
   Central office systems
   Servers/routers
   Multivoltage system line cards
   DSP/FPGA supply sequencing
   In-circuit testing of margined supplies




Similar Part No. - ADM1067

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
Communications System Supervisory/Sequencing Circuit
ADM1060ARU AD-ADM1060ARU Datasheet
303Kb / 45P
Communications System Supervisory/Sequencing Circuit
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
Communications System Supervisory/Sequencing Circuit
REV. B
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
ADM1062ACP AD-ADM1062ACP Datasheet
1Mb / 32P
Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
More results


Similar Description - ADM1067

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
logo
Maxim Integrated Produc...
MAX34462 MAXIM-MAX34462 Datasheet
2Mb / 78P
PMBus 16-Channel Monitor/Sequencer with Differential Inputs and Margining DACs
19-6785; Rev 0; 9/13
logo
Analog Devices
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
1/15-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com