Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUA32864BH Datasheet (PDF) - Renesas Technology Corp

ICSSSTUA32864BH Datasheet PDF - Renesas Technology Corp
Part # ICSSSTUA32864BH
Download  ICSSSTUA32864BH Download
File Size   677.44 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 25-Bit Configurable Registered Buffer for DDR2

ICSSSTUA32864BH Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTUA32864BH Datasheet PDF - Renesas Technology Corp

Part # ICSSSTUA32864BH
Download  ICSSSTUA32864BH Click to download

File Size   677.44 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 25-Bit Configurable Registered Buffer for DDR2

ICSSSTUA32864BH Datasheet (HTML) - Renesas Technology Corp


ICSSSTUA32864BH Product details

Recommended Application:
• DDR2 Memory Modules
• Provides complete DDR DIMM solution with
ICS97U877
• Ideal for DDR2 400, 533 and 667
Product Features:
• 25-bit 1:1 or 14-bit 1:2 configurable registered buffer
• Supports SSTL_18 JEDEC specification on data
inputs and outputs
• Supports LVCMOS switching levels on C0, C1 and
RESET# inputs
• Low voltage operation
VDD = 1.7V to 1.9V
• Available in 96 BGA package
• Drop-in replacement for ICSSSTUA32866
• Green packages available




Similar Part No. - ICSSSTUA32864BH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
25-Bit Configurable Registered Buffer for DDR2
More results


Similar Description - ICSSSTUA32864BH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUB32864A IDT-ICSSSTUB32864A Datasheet
141Kb / 12P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Circuit Syst...
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
25-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
IDT74SSTUAE32866A RENESAS-IDT74SSTUAE32866A Datasheet
837Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32866C RENESAS-ICSSSTUAF32866C Datasheet
771Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
25-Bit Configurable Registered Buffer for DDR2
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com