Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUAF32869A Datasheet (PDF) - Renesas Technology Corp

ICSSSTUAF32869A Datasheet PDF - Renesas Technology Corp
Part # ICSSSTUAF32869A
Download  ICSSSTUAF32869A Download
File Size   693.95 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2

ICSSSTUAF32869A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTUAF32869A Datasheet PDF - Renesas Technology Corp

Part # ICSSSTUAF32869A
Download  ICSSSTUAF32869A Click to download

File Size   693.95 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2

ICSSSTUAF32869A Datasheet (HTML) - Renesas Technology Corp


ICSSSTUAF32869A Product details

Features
• 14-bit 1:2 registered buffer with parity check functionality
• Supports SSTL_18 JEDEC specification on data inputs
and outputs
• 50% more dynamic driver strength than standard
SSTU32864
• Supports LVCMOS switching levels on C1 and RESET
inputs
• Low voltage operation: VDD = 1.7V to 1.9V
• Available in 150 BGA package
Applications
• DDR2 Memory Modules
• Provides complete DDR DIMM solution with
ICS98ULPA877A or IDTCSPUA877A
• Ideal for DDR2 400, 533, and 667




Similar Part No. - ICSSSTUAF32869A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32869A IDT-ICSSSTUAF32869A Datasheet
498Kb / 21P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32869AHLF IDT-ICSSSTUAF32869AHLF Datasheet
498Kb / 21P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
More results


Similar Description - ICSSSTUAF32869A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32869A IDT-ICSSSTUAF32869A Datasheet
498Kb / 21P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32869A IDT-IDT74SSTUBF32869A Datasheet
505Kb / 22P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUA32S869B ICST-ICSSSTUA32S869B Datasheet
290Kb / 18P
14-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32869A RENESAS-IDT74SSTUBF32869A Datasheet
601Kb / 22P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUB32S869B RENESAS-ICSSSTUB32S869B Datasheet
941Kb / 18P
14-Bit Configurable Registered Buffer for DDR2
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com