Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUAF32869A Datasheet (PDF) - Integrated Device Technology

ICSSSTUAF32869A Datasheet PDF - Integrated Device Technology
Part # ICSSSTUAF32869A
Download  ICSSSTUAF32869A Download
File Size   498.62 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2

ICSSSTUAF32869A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICSSSTUAF32869A Datasheet PDF - Integrated Device Technology

Part # ICSSSTUAF32869A
Download  ICSSSTUAF32869A Click to download

File Size   498.62 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2

ICSSSTUAF32869A Datasheet (HTML) - Integrated Device Technology


ICSSSTUAF32869A Product details

Description
The ICSSSTUAF32869A is 14-bit 1:2 registered buffer with parity, designed for 1.7 V to 1.9 V VDD operation.
All clock and data inputs are compatible with the JEDEC standard for SSTL_18. The control inputs are LVCMOS. All outputs are 1.8V CMOS drivers optimized to drive the DDR2 DIMM load. They provide 50% more dynamic driver strength than the standard SSTU32864 outputs.

Features
• 14-bit 1:2 registered buffer with parity check functionality
• Supports SSTL_18 JEDEC specification on data inputs and outputs
• 50% more dynamic driver strength than standard SSTU32864
• Supports LVCMOS switching levels on C1 and RESET inputs
• Low voltage operation: VDD = 1.7V to 1.9V
• Available in 150 BGA package

Applications
• DDR2 Memory Modules
• Provides complete DDR DIMM solution with ICS98ULPA877A or IDTCSPUA877A
• Ideal for DDR2 400, 533, and 667




Similar Part No. - ICSSSTUAF32869A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICSSSTUAF32869A RENESAS-ICSSSTUAF32869A Datasheet
693Kb / 21P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32869AHLFT RENESAS-ICSSSTUAF32869AHLFT Datasheet
693Kb / 21P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results


Similar Description - ICSSSTUAF32869A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32869A IDT-IDT74SSTUBF32869A Datasheet
505Kb / 22P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Integrated Circuit Syst...
ICSSSTUA32S869B ICST-ICSSSTUA32S869B Datasheet
290Kb / 18P
14-Bit Configurable Registered Buffer for DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32869A RENESAS-IDT74SSTUBF32869A Datasheet
601Kb / 22P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32869A RENESAS-ICSSSTUAF32869A Datasheet
693Kb / 21P
14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUB32S869B RENESAS-ICSSSTUB32S869B Datasheet
941Kb / 18P
14-Bit Configurable Registered Buffer for DDR2
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com