Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322-LFS Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

322-LFS Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 322-LFS
Download  322-LFS Download
File Size   103.86 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Screw/solder terminal strip Screw/solder tag connection

322-LFS Datasheet (PDF)

Go To PDF Page Download Datasheet
322-LFS Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 322-LFS
Download  322-LFS Click to download

File Size   103.86 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Screw/solder terminal strip Screw/solder tag connection

322-LFS Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


322-LFS Product details

The screw/solder terminal strip 322-LFS in 10 mm pitch was designed for larger
cross-sections than version 302-LF-DS. It is available with 1 to 12 poles.
Mouldings of this type are open on the solder tag side but they can be connected
safe-to-touch as 2- and 3-pole version with cover caps A-323 and base plates
B-323. This will extend the creepage distance to the mounting surface.
Socket and solder tag are manufactured in one piece.
The screws are ready to be wired, secured against self-loosening and captive.
These strips can be combined with plug-in terminal strip 322-SV by plugging the
pins into the sockets and screwing them tight.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
These terminals strips can be screw-mounted on a substrate




Similar Part No. - 322-LFS

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
322-000LX APEX-ELECTRONICS-322-000LX Datasheet
175Kb / 3P
Slotted Bits
logo
EDAC, All Rights Reserv...
322-022-500-154 EDAC-322-022-500-154 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-157 EDAC-322-022-500-157 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-158 EDAC-322-022-500-158 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-254 EDAC-322-022-500-254 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
More results


Similar Description - 322-LFS

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2352 POMONA-2352 Datasheet
18Kb / 1P
Solder Turret Terminal Screw
logo
WECO ELECTRICAL CONNECT...
302-G WECO-302-G Datasheet
104Kb / 1P
Socket terminal strip Screw connection, with solder pin
05.18
302-SVG WECO-302-SVG Datasheet
158Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
05.18
321-LFS WECO-321-LFS Datasheet
155Kb / 1P
Screw/solder terminal strip Screw/solder tag connection, side of solder tag closed, pottable
04.19
322-G WECO-322-G Datasheet
105Kb / 1P
Socket terminal strip Screw connection, with solder pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
931-A-LFDS WECO-931-A-LFDS Datasheet
117Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
951-A-LFDS WECO-951-A-LFDS Datasheet
113Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
983-SML-2.8 WECO-983-SML-2.8 Datasheet
83Kb / 1P
PCB connector Screw connection, with solder pin and solder tag
03.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com