Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA788150 Datasheet (PDF) - Renesas Technology Corp

RAA788150 Datasheet PDF - Renesas Technology Corp
Part # RAA788150
Download  RAA788150 Download
File Size   599.98 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Large 3V Output Swing, 5kV EFT, 16.5kV ESD, RS-485 Transceivers

RAA788150 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA788150 Datasheet PDF - Renesas Technology Corp

Part # RAA788150
Download  RAA788150 Click to download

File Size   599.98 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Large 3V Output Swing, 5kV EFT, 16.5kV ESD, RS-485 Transceivers

RAA788150 Datasheet (HTML) - Renesas Technology Corp


RAA788150 Product details

Features
▪ High VOD: 3.1V (Typ) into RD = 54Ω
▪ ±5kV EFT immunity of bus I/O pins
▪ ±16.5kV ESD protection on bus I/O pins
▪ Supported data rates: 115kbps, 1Mbps, 20Mbps
▪ Full fail-safe outputs for open or shorted inputs
▪ Hot plug capability
▪ 1/8 Unit Load
▪ Allows for up to 512 transceivers on the bus
▪ Low supply current (driver disabled): 550μA
▪ Ultra-low shutdown current: 70nA




Similar Part No. - RAA788150

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA788150 RENESAS-RAA788150 Datasheet
622Kb / 33P
Large 3V Output Swing, 5kV EFT, 16.5kV ESD, RS-485 Transceivers
Oct 2, 2023
RAA788150 RENESAS-RAA788150_V01 Datasheet
622Kb / 33P
Large 3V Output Swing, 5kV EFT, 16.5kV ESD, RS-485 Transceivers
Oct 2, 2023
More results


Similar Description - RAA788150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05 Datasheet
220Kb / 19P
HIGH OUTPUT RS-485 TRANSCEIVERS
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX22507E MAXIM-MAX22507E Datasheet
447Kb / 20P
50Mbps Full-Duplex RS-485/RS-422 Transceivers with High EFT Immunity
2021
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com