Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA507TE Datasheet (PDF) - Renesas Technology Corp

UPA507TE Datasheet PDF - Renesas Technology Corp
Part # UPA507TE
Download  UPA507TE Download
File Size   370.11 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FET WITH SCHOTTKY BARRIER DIODE

UPA507TE Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA507TE Datasheet PDF - Renesas Technology Corp

Part # UPA507TE
Download  UPA507TE Click to download

File Size   370.11 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FET WITH SCHOTTKY BARRIER DIODE

UPA507TE Datasheet (HTML) - Renesas Technology Corp


UPA507TE Product details

P-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE
FOR SWITCHING

DESCRIPTION
The μ PA507TE is a switching device, which can be driven directly
by a 1.8 V power source.
This device incorporates a MOS FET, which features a low on-state
resistance and excellent switching characteristics and a low forward
voltage Schottky barrier diode, and is suitable for applications such
as DC/DC converter of portable machine and so on.
FEATURES
• 1.8 V drive available (MOS FET)
• Low on-state resistance (MOS FET)
RDS(on)1 = 68 mΩ TYP. (VGS = −4.5 V, ID = −1.0 A)
RDS(on)2 = 84 mΩ TYP. (VGS = −2.5 V, ID = −1.0 A)
RDS(on)3 = 109 mΩ TYP. (VGS = −1.8 V, ID = −1.0 A)
• Low forward voltage (Schottky barrier diode)
VF = 0.35 V TYP. (IF = 1.0 A)




Similar Part No. - UPA507TE

ManufacturerPart #DatasheetDescription
logo
NEC
UPA507TE NEC-UPA507TE Datasheet
146Kb / 8P
P-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE FOR SWITCHING
More results


Similar Description - UPA507TE

ManufacturerPart #DatasheetDescription
logo
NEC
UPA507TE NEC-UPA507TE Datasheet
146Kb / 8P
P-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE FOR SWITCHING
UPA508TE NEC-UPA508TE Datasheet
144Kb / 8P
N-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE FOR SWITCHING
logo
Renesas Technology Corp
RJK0380DPA RENESAS-RJK0380DPA Datasheet
254Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03L2DNS RENESAS-RJK03L2DNS Datasheet
127Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode
RJK03L3DNS RENESAS-RJK03L3DNS Datasheet
130Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode
RJK03N9DNS RENESAS-RJK03N9DNS Datasheet
114Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
PA1980 RENESAS-PA1980_15 Datasheet
216Kb / 10P
P-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE FOR SWITCHING
PA2782GR RENESAS-PA2782GR_15 Datasheet
205Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET/SCHOTTKY BARRIER DIODE
UPA508TE RENESAS-UPA508TE Datasheet
382Kb / 10P
MOS FET WITH SCHOTTKY BARRIER DIODE
2003
UPA1980 RENESAS-UPA1980 Datasheet
215Kb / 10P
MOS FET WITH SCHOTTKY BARRIER DIODE
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com