Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA508TE Datasheet (PDF) - Renesas Technology Corp

UPA508TE Datasheet PDF - Renesas Technology Corp
Part # UPA508TE
Download  UPA508TE Download
File Size   382.13 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FET WITH SCHOTTKY BARRIER DIODE

UPA508TE Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA508TE Datasheet PDF - Renesas Technology Corp

Part # UPA508TE
Download  UPA508TE Click to download

File Size   382.13 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FET WITH SCHOTTKY BARRIER DIODE

UPA508TE Datasheet (HTML) - Renesas Technology Corp


UPA508TE Product details

DESCRIPTION
The μ PA508TE is a switching device, which can be driven
directly by a 2.5 V power source.
This device incorporates a MOS FET, which features a low
on-state resistance and excellent switching characteristics,
and a low forward voltage Schottky barrier diode, and is
suitable for applications such as DC/DC converter of
portable machine and so on.
FEATURES
• 2.5 V drive available (MOS FET)
• Low on-state resistance (MOS FET)
RDS(on)1 = 40 mΩ TYP. (VGS = 4.5 V, ID = 1.0 A)
RDS(on)2 = 42 mΩ TYP. (VGS = 4.0 V, ID = 1.0 A)
RDS(on)3 = 59 mΩ TYP. (VGS = 2.5 V, ID = 1.0 A)
• Low forward voltage (Schottky barrier diode)
VF = 0.35 V TYP. (IF = 1.0 A)




Similar Part No. - UPA508TE

ManufacturerPart #DatasheetDescription
logo
NEC
UPA508TE NEC-UPA508TE Datasheet
144Kb / 8P
N-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE FOR SWITCHING
More results


Similar Description - UPA508TE

ManufacturerPart #DatasheetDescription
logo
NEC
UPA507TE NEC-UPA507TE Datasheet
146Kb / 8P
P-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE FOR SWITCHING
UPA508TE NEC-UPA508TE Datasheet
144Kb / 8P
N-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE FOR SWITCHING
logo
Renesas Technology Corp
RJK0380DPA RENESAS-RJK0380DPA Datasheet
254Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK03L2DNS RENESAS-RJK03L2DNS Datasheet
127Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode
RJK03L3DNS RENESAS-RJK03L3DNS Datasheet
130Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode
RJK03N9DNS RENESAS-RJK03N9DNS Datasheet
114Kb / 7P
Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
PA1980 RENESAS-PA1980_15 Datasheet
216Kb / 10P
P-CHANNEL MOS FET WITH SCHOTTKY BARRIER DIODE FOR SWITCHING
PA2782GR RENESAS-PA2782GR_15 Datasheet
205Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET/SCHOTTKY BARRIER DIODE
UPA507TE RENESAS-UPA507TE Datasheet
370Kb / 10P
MOS FET WITH SCHOTTKY BARRIER DIODE
2003
UPA1980 RENESAS-UPA1980 Datasheet
215Kb / 10P
MOS FET WITH SCHOTTKY BARRIER DIODE
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com