Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7282T2 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7282T2 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7282T2
Download  ST7282T2 Download
File Size   1250.36 Kbytes
Page   77 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 720x544 System-On-Chip Driver for 480RGBx272 TFT LCD

ST7282T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7282T2 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7282T2
Download  ST7282T2 Click to download

File Size   1250.36 Kbytes
Page   77 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 720x544 System-On-Chip Driver for 480RGBx272 TFT LCD

ST7282T2 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7282T2 Product details

GENERAL DESCRIPTION
ST7282T2 offers all-in-one chip solution of 480RGBx272 for color TFT-LCD panel. This chip
incorporated with digital timing generator, source and gate driver, power supply circuit and embedded serial
communication interface for function setting. The source output support real 8-bit resolution and 256-gray
scale with small output deviation are designed to support higher color resolution. The power supply circuit
incorporated with step-up circuit, regulators and operational amplifiers to generate power supply voltages to
drive TFT LCD.

FEATURES
Display Resolution: 480*RGB (H) *272(V)
LCD Driver Output Circuits
- Source Outputs: 720 Channels
- Gate Outputs: 544 Channels
- Common Electrode Output
256 gray scale with true 8 bit DAC
Support DE, SYNC and SYNC-DE mode RGB interface input timing
Support 24-bit parallel and 8-bit serial RGB interface
Support 3- wire Serial Peripheral Interface to config and control display
On Chip Build-In Circuits
- DC/DC Converter
- Non-Volatile (NV) Memory to store initial Register setting and factory default value
- Timing Controller
Wide Supply Voltage Range
- I/O Voltage (VDDI to DGND): 1.65V ~ VDD
- Analog Voltage (VDD to AGND): 3.0V ~ 3.6V
- Charge pump Voltage (PVDD to PGND): 3.0V ~ 3.6V
On-Chip Power System
- GVDD: +4.9600 ~ +5.9680V
- GVCL: -4.4800V ~ -2.9600V
- Gate driver HIGH level (VGH to AGND): +13V ~ +17.5V
- Gate driver LOW level (VGL to AGND): -11.5V ~ -7V
Optimized layout for COG Assembly
Non-Volatile Memory (OTP) can only program one time for LCD VCOM calibration




Similar Part No. - ST7282T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
ST7282A5 STMICROELECTRONICS-ST7282A5 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
ST7282B5 STMICROELECTRONICS-ST7282B5 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
More results


Similar Description - ST7282T2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD161661 NEC-UPD161661 Datasheet
441Kb / 15P
POWER SUPPLY FOR TFT-LCD DRIVER
logo
Toshiba Semiconductor
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
Source Driver for TFT LCD Panels
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
Gate Driver for TFT LCD Panel
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
Gate Driver for TFT LCD Panels
logo
List of Unclassifed Man...
SPFD54126B ETC2-SPFD54126B Datasheet
2Mb / 232P
528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
logo
Sitronix Technology Co....
SC7283 SITRONIX-SC7283 Datasheet
2Mb / 89P
System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.0 2018/11
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VW SITRONIX-ST7789VW Datasheet
3Mb / 317P
Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2017/09
ST7701S SITRONIX-ST7701S Datasheet
3Mb / 306P
16.7M-color System-on-Chip (SOC) driver LSI designed for small and medium sizes of TFT LCD display
Version 0.1 2016/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com