Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789VW Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7789VW Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7789VW
Download  ST7789VW Download
File Size   3129.55 Kbytes
Page   317 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)

ST7789VW Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7789VW Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7789VW
Download  ST7789VW Click to download

File Size   3129.55 Kbytes
Page   317 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)

ST7789VW Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7789VW Product details

GENERAL DESCRIPTION
The ST7789VW is a single-chip controller/driver for 262K-color, graphic type TFT-LCD. It consists of 720
source line and 320 gate line driving circuits. This chip is capable of connecting directly to an external
microprocessor, and accepts, 8-bits/9-bits/16-bits/18-bits parallel interface. Display data can be stored in the
on-chip display data RAM of 240x320x18 bits. It can perform display data RAM read/write operation with no
external operation clock to minimize power consumption. In addition, because of the integrated power supply
circuit necessary to drive liquid crystal; it is possible to make a display system with the fewest components.

FEATURES
 Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
 Display Resolution: 240*RGB (H) *320(V)
 Frame Memory Size: 240 x 320 x 18-bit = 1,382,400 bits
 LCD Driver Output Circuits
- Source Outputs: 240 RGB Channels
- Gate Outputs: 320 Channels
- Common Electrode Output
 Display Colors (Color Mode)
- Full Color: 262K, RGB=(666) max., Idle Mode Off
- Color Reduce: 8-color, RGB=(111), Idle Mode On
 Programmable Pixel Color Format (Color Depth) for Various Display Data input Format
- 12-bit/pixel: RGB=(444)
- 16-bit/pixel: RGB=(565)
- 18-bit/pixel: RGB=(666)
 MCU Interface
- Parallel 8080-series MCU Interface (8-bit, 9-bit, 16-bit & 18-bit)
- 6/16/18 RGB Interface(VSYNC, HSYNC, DOTCLK, ENABLE, DB[17:0])
- Serial Peripheral Interface(SPI Interface)
- VSYNC Interface
 Display Features
- Programmable Partial Display Duty
- CABC for saving current consumption
- Color enhancement
 On Chip Build-In Circuits
- DC/DC Converter
- Adjustable VCOM Generation
- Non-Volatile (NV) Memory to Store Initial Register Setting and Factory Default Value (Module ID,
Module Version, etc)
- Timing Controller
- 4 preset Gamma curve with separated RGB Gamma setting
 Build-In NV Memory for LCD Initial Register Setting
- 8-bits for ID1 setting
- 8-bits for ID2 setting
- 8-bits for ID3 setting
- 6-bits for VCOM Offset adjustment
 Driving Algorithm
- Dot Inversion
- Column Inversion
 Wide Supply Voltage Range
- I/O Voltage (VDDI to DGND): 1.65V ~ 3.3V (VDDI≦VDD)
- Analog Voltage (VDD to AGND): 2.4V ~ 3.3V
 On-Chip Power System
- Source Voltage (VAP (GVDD) to VAN (GVCL)): +6.4~-4.6V
- VCOM level: GND
- Gate driver HIGH level (VGH to AGND): +12.2V ~ +14.97V
- Gate driver LOW level (VGL to AGND): -12.5V ~ -7.16V
 Optimized layout for COG Assembly
 Operate temperature range: −30℃ to +85℃
 Lower Power Consumption




Similar Part No. - ST7789VW

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7789V SITRONIX-ST7789V Datasheet
8Mb / 308P
The ST7789V is a single-chip controller/driver for 262K-color
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VI SITRONIX-ST7789VI Datasheet
3Mb / 316P
240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.4 2014/04
More results


Similar Description - ST7789VW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
Low-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC7230 SANYO-LC7230 Datasheet
553Kb / 12P
Single-Chip PLL Controller with LCD Driver
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
Ultralow-Voltage ETR Controller with On-Chip LCD Driver
logo
Sitronix Technology Co....
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
SC7283 SITRONIX-SC7283 Datasheet
2Mb / 89P
System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.0 2018/11
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com