Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7701S Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7701S Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7701S
Download  ST7701S Download
File Size   3862.23 Kbytes
Page   306 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 16.7M-color System-on-Chip (SOC) driver LSI designed for small and medium sizes of TFT LCD display

ST7701S Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7701S Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7701S
Download  ST7701S Click to download

File Size   3862.23 Kbytes
Page   306 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 16.7M-color System-on-Chip (SOC) driver LSI designed for small and medium sizes of TFT LCD display

ST7701S Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7701S Product details

FEATURES
 Single chip WVGA a-Si TFT-LCD Controller/Driver without Display RAM
 Display Resolution
- 480*RGB (H) *864(V) (WVGA)
- 480*RGB (H) *854(V)
- 480*RGB (H) *800(V)
- 480*RGB (H) *720(V)
- 480*RGB (H) *640(V) (VGA)
- 480*RGB (H) *360(V)
 LCD Driver Output Circuits
- Source Outputs: 480 RGB Channels
- Support gate control signals to gate driver in the panel
- Common Electrode Output
 Display Colors (Color Mode)
- Full Color mode : 16.7M-colors, RGB=(888) max., Idle Mode Off
- Reduce color mode: 262K colors
- Reduce color mode: 65K colors
- Idle Mode: 8-color, RGB=(111)
 Programmable Pixel Color Format (Color Depth) for Various Display Data input Format
- 24-bit/pixel: RGB=(888)
- 18-bit/pixel: RGB=(666)
- 16-bit/pixel: RGB=(565)
 Display Interface
- 8 bit,9bit and 16 bit serial peripheral interface
- 16/18/24 RGB Interface(VSYNC, HSYNC, DOTCLK, ENABLE, DB[17:0],Sync and DE mode)
- MIPI Display Serial Interface (DSI V1.01 r11 and D-PHY V1.0, 1 clock and 1 or 2 data lane pairs)
Supports one data lane / maximum speed 800Mbps
Supports two data lanes / maximum speed 550Mbps
 Display Features
- Programmable Partial Display Duty
- CABC for saving current consumption
- Color enhancement
 On Chip Build-In Circuits
- DC/DC Converter
- Adjustable VCOM Generation
- Non-Volatile (NV) Memory to Store Initial Register Setting and Factory Default Value (Module ID,
Module Version, etc)
- Timing Controller
- 4 preset Gamma curve with separated RGB Gamma setting
Build-In NV Memory for LCD Initial Register Setting
- OTP to store VCOM and ID1~ID3
Driving Algorithm Support
- 1-dot/2-dot/3-dot/4-dot Inversion
- Column Inversion
- Zigzag Inversion
Wide Supply Voltage Range
- I/O Voltage (VDDI to DGND): 1.65V ~ 3.3V (VDDI VDD)
≦
- Analog Voltage (VDDA to AGND): 2.5V ~ 3.6V
- MIPI Voltage (VDDAM to VSSAM): 2.5V ~ 3.6V
On-Chip Power System
- Source Voltage (VAP (GVDD) to VAN (GVCL)): +3.64~6.5V,-1.05~-5V
- VCOM level: GND
- Gate driver HIGH level (VGH to AGND): +11.5V ~ +17 V
- Gate driver LOW level (VGL to AGND): -12V ~ -7.6V
Optimized layout for COG Assembly
Operate temperature range: −30
℃
to +85
℃
Lower Power Consumption




Similar Part No. - ST7701S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7710-STDVB STMICROELECTRONICS-ST7710-STDVB Datasheet
84Kb / 3P
Single-chip, low-cost high definition set-top box decoder
Rev. 1
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
More results


Similar Description - ST7701S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN838898 PANASONIC-MN838898 Datasheet
279Kb / 20P
CMOS LSI source driver for color TFT LCD panels
logo
List of Unclassifed Man...
SPFD54126B ETC2-SPFD54126B Datasheet
2Mb / 232P
528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
logo
AAEON Technology
ONYX-151 AAEON-ONYX-151 Datasheet
791Kb / 3P
15" color TFT LCD display
logo
P-tec Corporation
PT124768150-TLMWU-EC P-TEC-PT124768150-TLMWU-EC Datasheet
2Mb / 33P
15.0 inch XGA supported TFT-LCD module, and can display true 16.7M colors(8 bit/ color).
logo
List of Unclassifed Man...
ILI9488 ETC1-ILI9488 Datasheet
10Mb / 343P
a-Si TFT LCD Single Chip Driver 320(RGB) x 480 Resolution, 16.7M-color With Internal GRAM
OTM8009A ETC1-OTM8009A Datasheet
12Mb / 318P
1140-channel 8-bit Source Driver and 864 Gate Driver with System-on-chip for Color Amorphous TFT-LCDs
ILI9881C ETC-ILI9881C Datasheet
7Mb / 320P
Amorphous TFT LCD Single-Chip Driver 800(RGB) x 1280 Resolution, 16.7M-color Without Internal GRAM
V092
logo
Sitronix Technology Co....
SC7283 SITRONIX-SC7283 Datasheet
2Mb / 89P
System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.0 2018/11
ST7282T2 SITRONIX-ST7282T2 Datasheet
1Mb / 77P
720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.2 2016/03
logo
List of Unclassifed Man...
ILI9806E ETC-ILI9806E Datasheet
7Mb / 328P
a-Si TFT LCD Single-Chip Driver 480(RGB)x864 Resolution, 16.7M-color Without internal GRAM
V097-20140324
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com