Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC86A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC86A
Download  74LVC86A Download
File Size   237.61 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input EXCLUSIVE-OR gate

74LVC86A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC86A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC86A
Download  74LVC86A Click to download

File Size   237.61 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input EXCLUSIVE-OR gate

74LVC86A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC86A Product details

1. General description
The 74LVC86A is a quad 2-input EXCLUSIVE-OR gate. Inputs can be driven from either 3.3 V or
5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to 125 °C




Similar Part No. - 74LVC86A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC86A PHILIPS-74LVC86A Datasheet
102Kb / 10P
Quad 2-input exclusive OR gate
1998 Apr 28
logo
STMicroelectronics
74LVC86A STMICROELECTRONICS-74LVC86A Datasheet
235Kb / 11P
LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE HIGH PERFORMANCE
26-Jul-2004
logo
Diodes Incorporated
74LVC86A DIODES-74LVC86A Datasheet
194Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Rev 3
logo
ON Semiconductor
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
logo
List of Unclassifed Man...
74LVC86ABQ ETC2-74LVC86ABQ Datasheet
495Kb / 15P
Quad 2-input EXCLUSIVE-OR gate
More results


Similar Description - 74LVC86A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com