Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86A Datasheet (PDF) - ON Semiconductor

74LVC86A Datasheet PDF - ON Semiconductor
Part # 74LVC86A
Download  74LVC86A Download
File Size   98.43 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Quad 2-Input XOR Gate

74LVC86A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC86A Datasheet PDF - ON Semiconductor

Part # 74LVC86A
Download  74LVC86A Click to download

File Size   98.43 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Quad 2-Input XOR Gate

74LVC86A Datasheet (HTML) - ON Semiconductor


74LVC86A Product details

The 74LVC86A is a high performance, quad 2−input XOR gate operating from a 1.2 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows 74LVC86A inputs to be safely driven from 5.0 V devices.
Current drive capability is 24 mA at the outputs.

Features
• Designed for 1.2 to 3.6 V VCC Operation
• 5.0 V Tolerant Inputs − Interface Capability With 5.0 V TTL Logic
• 24 mA Output Sink and Source Capability
• Near Zero Static Supply Current (10 A) Substantially Reduces System
   Power Requirements
• ESD Performance:
   Human Body Model >2000 V
   Machine Model >200 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
   Compliant




Similar Part No. - 74LVC86A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC86A PHILIPS-74LVC86A Datasheet
102Kb / 10P
Quad 2-input exclusive OR gate
1998 Apr 28
logo
STMicroelectronics
74LVC86A STMICROELECTRONICS-74LVC86A Datasheet
235Kb / 11P
LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE HIGH PERFORMANCE
26-Jul-2004
logo
Diodes Incorporated
74LVC86A DIODES-74LVC86A Datasheet
194Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Rev 3
logo
Nexperia B.V. All right...
74LVC86A NEXPERIA-74LVC86A Datasheet
237Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 19 August 2021
logo
List of Unclassifed Man...
74LVC86ABQ ETC2-74LVC86ABQ Datasheet
495Kb / 15P
Quad 2-input EXCLUSIVE-OR gate
More results


Similar Description - 74LVC86A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX86 MOTOROLA-MC74LCX86 Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT XOR GATE
logo
ON Semiconductor
MC74LCX86 ONSEMI-MC74LCX86 Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT XOR GATE
REV 1
MC74VHC86 ONSEMI-MC74VHC86 Datasheet
136Kb / 5P
Quad 2-Input XOR Gate
1997 REV 0
MC74LCX86 ONSEMI-MC74LCX86_05 Datasheet
79Kb / 8P
Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
29-Jul-2004
logo
ON Semiconductor
74LVC125A ONSEMI-74LVC125A Datasheet
101Kb / 9P
Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
MC74VHC86 ONSEMI-MC74VHC86_14 Datasheet
89Kb / 6P
Quad 2-Input XOR Gate
September, 2014 ??Rev. 7
MC74VHCT86A ONSEMI-MC74VHCT86A_14 Datasheet
87Kb / 6P
Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
MC74LVX86 ONSEMI-MC74LVX86_14 Datasheet
105Kb / 5P
Quad 2-Input XOR Gate
August, 2014 ??Rev. 4
MC74LCX86 ONSEMI-MC74LCX86_12 Datasheet
157Kb / 7P
Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2012 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com