Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86A Datasheet (PDF) - STMicroelectronics

74LVC86A Datasheet PDF - STMicroelectronics
Part # 74LVC86A
Download  74LVC86A Download
File Size   235.32 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE HIGH PERFORMANCE

74LVC86A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC86A Datasheet PDF - STMicroelectronics

Part # 74LVC86A
Download  74LVC86A Click to download

File Size   235.32 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE HIGH PERFORMANCE

74LVC86A Datasheet (HTML) - STMicroelectronics


74LVC86A Product details

DESCRIPTION

The 74LVC86A is a low voltage CMOS QUAD EXCLUSIVE OR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for 1.65 to 3.6 VCC operations and low power and low noise applications.

It can be interfaced to 5V signal environment for inputs in mixed 3.3/5V system. It has more speed performance at 3.3V than 5V AC/ACT family, combined with a lower powerconsumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.



■ 5V TOLERANT INPUTS

■ HIGH SPEED: tPD = 4.2ns (MAX.) at VCC = 3V

■ POWER DOWN PROTECTION ON INPUTS AND OUTPUTS

■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) at VCC = 3V

■ PCI BUS LEVELS GUARANTEED AT 24 mA

■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL

■ OPERATING VOLTAGE RANGE: VCC(OPR) = 1.65V to 3.6V (1.2V Data Retention)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 86

■ LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17)

■ ESD PERFORMANCE:

HBM > 2000V (MIL STD 883 method 3015);

MM > 200V




Similar Part No. - 74LVC86A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC86A PHILIPS-74LVC86A Datasheet
102Kb / 10P
Quad 2-input exclusive OR gate
1998 Apr 28
logo
Diodes Incorporated
74LVC86A DIODES-74LVC86A Datasheet
194Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Rev 3
logo
ON Semiconductor
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC86A NEXPERIA-74LVC86A Datasheet
237Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 19 August 2021
logo
List of Unclassifed Man...
74LVC86ABQ ETC2-74LVC86ABQ Datasheet
495Kb / 15P
Quad 2-input EXCLUSIVE-OR gate
More results


Similar Description - 74LVC86A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC86 SLS-SL74HC86 Datasheet
34Kb / 4P
Quad 2-Input Exclusive OR Gate(High-Performance Silicon-Gate CMOS)
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
logo
KODENSHI_AUK CORP.
KK74HCT86A KODENSHI-KK74HCT86A Datasheet
194Kb / 5P
Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
KK4030B KODENSHI-KK4030B Datasheet
224Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
KK4070B KODENSHI-KK4070B Datasheet
229Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4030B IKSEMICON-IW4030B Datasheet
152Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
IW4070B IKSEMICON-IW4070B Datasheet
166Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com