Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVC86A
Description  LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE HIGH PERFORMANCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC86A Datasheet(HTML) 1 Page - STMicroelectronics

  74LVC86A Datasheet HTML 1Page - STMicroelectronics 74LVC86A Datasheet HTML 2Page - STMicroelectronics 74LVC86A Datasheet HTML 3Page - STMicroelectronics 74LVC86A Datasheet HTML 4Page - STMicroelectronics 74LVC86A Datasheet HTML 5Page - STMicroelectronics 74LVC86A Datasheet HTML 6Page - STMicroelectronics 74LVC86A Datasheet HTML 7Page - STMicroelectronics 74LVC86A Datasheet HTML 8Page - STMicroelectronics 74LVC86A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2004
s
5V TOLERANT INPUTS
s
HIGH SPEED: tPD = 4.2ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 3.6V (1.2V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 86
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LVC86A is a low voltage CMOS QUAD
EXCLUSIVE
OR
GATE
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology. It is ideal for 1.65 to 3.6
VCC operations and low power and low noise
applications.
It can be interfaced to 5V signal environment for
inputs in mixed 3.3/5V system.
It has more speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVC86A
LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE
HIGH PERFORMANCE
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVC86AMTR
TSSOP
74LVC86ATTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74LVC86A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC86A PHILIPS-74LVC86A Datasheet
102Kb / 10P
Quad 2-input exclusive OR gate
1998 Apr 28
logo
Diodes Incorporated
74LVC86A DIODES-74LVC86A Datasheet
194Kb / 10P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Rev 3
logo
ON Semiconductor
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC86A NEXPERIA-74LVC86A Datasheet
237Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 19 August 2021
logo
List of Unclassifed Man...
74LVC86ABQ ETC2-74LVC86ABQ Datasheet
495Kb / 15P
Quad 2-input EXCLUSIVE-OR gate
More results

Similar Description - 74LVC86A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC86 SLS-SL74HC86 Datasheet
34Kb / 4P
Quad 2-Input Exclusive OR Gate(High-Performance Silicon-Gate CMOS)
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
CMOS Quad Exclusive-OR Gate
December 1992
logo
KODENSHI_AUK CORP.
KK74HCT86A KODENSHI-KK74HCT86A Datasheet
194Kb / 5P
Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
KK4030B KODENSHI-KK4030B Datasheet
224Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
KK4070B KODENSHI-KK4070B Datasheet
229Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4030B IKSEMICON-IW4030B Datasheet
152Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
IW4070B IKSEMICON-IW4070B Datasheet
166Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
CMOS Quad Exclusive - OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com