Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT75 Datasheet (PDF) - Analog Devices

ADT75 Datasheet PDF - Analog Devices
Part # ADT75
Download  ADT75 Download
File Size   387.48 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -1째C Accurate, 12-Bit Digital Temperature Sensor

ADT75 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADT75 Datasheet PDF - Analog Devices

Part # ADT75
Download  ADT75 Click to download

File Size   387.48 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -1째C Accurate, 12-Bit Digital Temperature Sensor

ADT75 Datasheet (HTML) - Analog Devices


ADT75 Product details

GENERAL DESCRIPTION
The ADT75 is a complete temperature monitoring system in 8-lead MSOP and SOIC packages. It contains a bandgap temperature sensor and 12-bit ADC to monitor and digitize the temperature to a resolution of 0.0625°C. The ADT75 is pin and register compatible with the LM75 and AD7416.

FEATURES
   12-bit temperature-to-digital converter
   B grade accuracy ±1.0°C from 0°C to 70°C
   A grade accuracy ±2.0°C from –25°C to +100°C
   SMBus/I2C-compatible interface
   Operation from −55°C to +125°C
   Operation from 3 V to 5.5 V
   Overtemperature indicator
   Shutdown mode for low power consumption
   Power consumption 79 μW typically at 3.3 V
   Small, low cost 8-pin MSOP in Pb-Sn and Pb-free packages
   Standard 8-pin SOIC Pb-free package

APPLICATIONS
   Isolated sensors
   Environmental control systems
   Computer thermal monitoring
   Thermal protection
   Industrial process control
   Power-system monitors
   Hand-held applications




Similar Part No. - ADT75

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT75 AD-ADT75 Datasheet
392Kb / 25P
12-Bit Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75 Datasheet
2Mb / 7P
10BASE-T1L Field Device Development Platform with Class 12 and 13 SPoE
Rev. 0
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
10/06-Rev. A to Rev. B
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
More results


Similar Description - ADT75

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
-2 C Accurate, 12-Bit Digital Temperature Sensor
3/06-Revision 0
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
12-Bit Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
12-Bit Digital Temperature Sensor
Rev. A
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com