Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT75 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT75
Description  -1째C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 3 Page - Analog Devices

  ADT75 Datasheet HTML 1Page - Analog Devices ADT75 Datasheet HTML 2Page - Analog Devices ADT75 Datasheet HTML 3Page - Analog Devices ADT75 Datasheet HTML 4Page - Analog Devices ADT75 Datasheet HTML 5Page - Analog Devices ADT75 Datasheet HTML 6Page - Analog Devices ADT75 Datasheet HTML 7Page - Analog Devices ADT75 Datasheet HTML 8Page - Analog Devices ADT75 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADT75
Rev. 0 | Page 3 of 24
GENERAL DESCRIPTION
The ADT75 is a complete temperature monitoring system in 8-lead
MSOP and SOIC packages. It contains a bandgap temperature sen-
sor and 12-bit ADC to monitor and digitize the temperature to a
resolution of 0.0625°C. The ADT75 is pin and register compatible
with the LM75 and AD7416.
The ADT75 is guaranteed to operate at supply voltages from 3 V
to 5.5 V. Operating at 3.3 V, the average supply current is typically
200 μA.
The ADT75 offers a shutdown mode that powers down the
device and gives a shutdown current of typically 3 μA. The
ADT75 is rated for operation over the –55°C to +125°C
temperature range.
Pin A0, Pin A1, and Pin A2 are available for address selection. The
OS/ALERT pin is an open-drain output that becomes active when
temperature exceeds a programmable limit. The OS/ALERT pin
can operate in either comparator or interrupt mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com