Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT75 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT75
Description  -1째C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT75 Datasheet HTML 9Page - Analog Devices ADT75 Datasheet HTML 10Page - Analog Devices ADT75 Datasheet HTML 11Page - Analog Devices ADT75 Datasheet HTML 12Page - Analog Devices ADT75 Datasheet HTML 13Page - Analog Devices ADT75 Datasheet HTML 14Page - Analog Devices ADT75 Datasheet HTML 15Page - Analog Devices ADT75 Datasheet HTML 16Page - Analog Devices ADT75 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADT75
Rev. 0 | Page 13 of 24
REGISTERS
The ADT75 contains six registers: four are data registers, one is
the address pointer register, and the final register is the one-shot
register. The configuration register is the only data register that
is 8 bits wide while the rest are 16 bits wide. The temperature
value register is the only data register that is read only. Both a
read and write can be performed on the rest of the data registers
and on the one-shot register. On power-up, the address pointer
register is loaded with 0x00 and points to the temperature value
register.
Table 7. ADT75 Registers
Pointer Address
Name
Power-On Default
0x00
Temperature value
0x00
0x01
Configuration
0x00
0x02
THYST setpoint
0x4B00 (75°C)
0x03
TOS setpoint
0x5000 (80°C)
0x04
One-shot
0xXX
Address Pointer Register
This 8-bit write only register stores an address that points to one
of the four data registers and selects the one-shot mode. P0 and
P1 select the data register to which subsequent data bytes are
written to or read from. P0, P1, and P2 are used to select the
one-shot mode by writing 04h to this register. A zero should be
written to the rest of the bits.
Table 8. Address Pointer Register
P7
P6
P5
P4
P3
P2
P1
P0
Default Settings at
Power-Up
0
0
0
0
0
0
0
0
Table 9. Register Addresses
P2
P1
P0
Register Selected
0
0
0
Temperature value
0
0
1
Configuration
0
1
0
THYST setpoint
0
1
1
TOS setpoint
1
0
0
One-shot mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com