Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT75 Datasheet(PDF) 20 Page - Analog Devices

Part # ADT75
Description  -1째C Accurate, 12-Bit Digital Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADT75 Datasheet HTML 16Page - Analog Devices ADT75 Datasheet HTML 17Page - Analog Devices ADT75 Datasheet HTML 18Page - Analog Devices ADT75 Datasheet HTML 19Page - Analog Devices ADT75 Datasheet HTML 20Page - Analog Devices ADT75 Datasheet HTML 21Page - Analog Devices ADT75 Datasheet HTML 22Page - Analog Devices ADT75 Datasheet HTML 23Page - Analog Devices ADT75 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADT75
Rev. 0 | Page 20 of 24
SMBus ALERT
The OS/ALERT pin can behave as a SMBus alert pin when the
SMBus alert function is enabled by setting Bit D7 in the
configuration register. The interrupt mode must also be selected
(Bit D1 in the configuration register). The OS/ALERT pin is an
open-drain output and requires a pull-up to VDD. Several
SMBus alert outputs can be wire-AND’ed together, so that the
common line goes low if one or more of the SMBus alert
outputs goes low. The polarity of the OS/ALERT pin must be set
for active low for a number of outputs to be wire-AND’ed
together.
The OS/ALERT output can operate as a SMBALERT function.
Slave devices on the SMBus normally cannot signal to the
master that they want to talk, but the SMBALERT function
allows them to do so. SMBALERT is used in conjunction with
the SMBus general call address.
One or more SMBus alert outputs can be connected to a
common SMBALERT line connected to the master. When the
SMBALERT line is pulled low by one of the devices, the
following procedure occurs as shown in Figure 20.
MASTER
RECEIVES
SMBALERT
START
ALERT RESPONSE
ADDRESS
RD ACK DEVICE ADDRESS
MASTER SENDS
ARA AND READ
COMMAND
DEVICE SENDS
ITS ADDRESS
NO
ACK
STOP
Figure 20. ADT75 Responds to SMBALERT ARA
1.
SMBALERT is pulled low.
2.
Master initiates a read operation and sends the SMBus alert
response address (ARA = 0001 100). This reserved
SMBus/I2C address must not be used as a specific device
address.
3.
The device whose SMBus alert output is low responds to the
SMBus alert response address and the master reads its device
address. As the device address is seven bits long, the ADT75’s
LSB is free to be used as an indicator as to which temperature
limit was exceeded. The LSB is high if the temperature is
greater than or equal to TOS, and the LSB is low if the
temperature is less than THYST. The address of the device is now
known and it can be interrogated in the usual way.
4.
If more than one devices’ SMBus alert output is low, the
one with the lowest device address has priority, which is in
accordance with normal SMBus specifications.
Once the ADT75 has responded to the SMBus alert response
address, it resets its SMBus alert output. If the SMBALERT line
remains low, the master sends the ARA again. It continues to do
this until all devices whose SMBALERT outputs were low have
responded.
START
ALERT RESPONSE
ADDRESS
RD ACK
DEVICE
ADDRESS
MASTER SENDS
ARA AND READ
COMMAND
DEVICE SENDS
ITS ADDRESS
DEVICE ACK
ACK
PEC
NO
ACK
STOP
MASTER
ACK
MASTER
NACK
DEVICE SENDS
ITS PEC DATA
MASTER
RECEIVES
SMBALERT
Figure 21. ADT75 Responds to SMBALERT ARA
with Packet Error Checking (PEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com