Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP100 Datasheet (PDF) - NXP Semiconductors

BSP100 Datasheet PDF - NXP Semiconductors
Part # BSP100
Download  BSP100 Download
File Size   111.91 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description N-channel enhancement mode TrenchMOS transistor

BSP100 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSP100 Datasheet PDF - NXP Semiconductors

Part # BSP100
Download  BSP100 Click to download

File Size   111.91 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description N-channel enhancement mode TrenchMOS transistor

BSP100 Datasheet (HTML) - NXP Semiconductors


BSP100 Product details

VDSS = 30 V

ID = 6 A

RDS(ON) ≤ 100 mΩ (VGS = 10 V)

RDS(ON) ≤ 200 mΩ (VGS = 4.5 V)



GENERAL DESCRIPTION

N-channel enhancement mode field-effect transistor in a plastic envelope using ’trench’ technology.



FEATURES

• ’Trench’ technology

• Low on-state resistance

• Fast switching

• High thermal cycling performance

• Low thermal resistance



Applications:-

• Motor and relay drivers

• d.c. to d.c. converters

• Logic level translator



The BSP100 is supplied in the SOT223 surface mounting package.




Similar Part No. - BSP100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSP100 NEXPERIA-BSP100 Datasheet
208Kb / 9P
N-channel enhancement mode TrenchMOSÔ transistor
February 1999
More results


Similar Description - BSP100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44NS PHILIPS-IRFZ44NS Datasheet
70Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com