Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP100 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP100
Description  N-channel enhancement mode TrenchMOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP100 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP100 Datasheet HTML 1Page - NXP Semiconductors BSP100 Datasheet HTML 2Page - NXP Semiconductors BSP100 Datasheet HTML 3Page - NXP Semiconductors BSP100 Datasheet HTML 4Page - NXP Semiconductors BSP100 Datasheet HTML 5Page - NXP Semiconductors BSP100 Datasheet HTML 6Page - NXP Semiconductors BSP100 Datasheet HTML 7Page - NXP Semiconductors BSP100 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
BSP100
TrenchMOS
™ transistor
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
I
S
Continuous source current
T
sp =
25 ˚C
-
-
6
A
(body diode)
I
SM
Pulsed source current (body
-
-
24
A
diode)
V
SD
Diode forward voltage
I
F = 1.25 A; VGS = 0 V
-
0.82
1.2
V
t
rr
Reverse recovery time
I
F = 1.25 A; -dIF/dt = 100 A/µs;
-
69
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = 25 V
-
55
-
nC
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tsp)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tsp); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
sp = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-sp = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
Tsp / C
BSP100
0.1
1
10
100
1
10
100
Drain-Source Voltage, VDS (V)
Peak Pulsed Drain Current, IDM (A)
d.c.
100 ms
10 ms
RDS(on) = VDS/ ID
1 ms
tp = 10 us
100 us
0
20
40
60
80
100
120
140
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
Tsp / C
BSP100
0.01
0.1
1
10
100
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
Pulse width, tp (s)
Peak Pulsed Drain Current, IDM (A)
single pulse
D = 0.5
0.2
0.1
0.05
0.02
tp
D = tp/T
D
P
T
February 1999
3
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com