Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP100 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BSP100
Description  N-channel enhancement mode TrenchMOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP100 Datasheet(HTML) 1 Page - NXP Semiconductors

  BSP100 Datasheet HTML 1Page - NXP Semiconductors BSP100 Datasheet HTML 2Page - NXP Semiconductors BSP100 Datasheet HTML 3Page - NXP Semiconductors BSP100 Datasheet HTML 4Page - NXP Semiconductors BSP100 Datasheet HTML 5Page - NXP Semiconductors BSP100 Datasheet HTML 6Page - NXP Semiconductors BSP100 Datasheet HTML 7Page - NXP Semiconductors BSP100 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
BSP100
TrenchMOS
™ transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
V
DSS = 30 V
• Low on-state resistance
• Fast switching
I
D = 6 A
• High thermal cycling performance
• Low thermal resistance
R
DS(ON) ≤ 100 mΩ (VGS = 10 V)
R
DS(ON) ≤ 200 mΩ (VGS = 4.5 V)
GENERAL DESCRIPTION
PINNING
SOT223
N-channel
enhancement
mode
PIN
DESCRIPTION
field-effect transistor in a plastic
envelope
using
’trench’
1
gate
technology.
2
drain
Applications:-
• Motor and relay drivers
3
source
• d.c. to d.c. converters
• Logic level translator
4
drain (tab)
The BSP100 is supplied in the
SOT223
surface
mounting
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
30
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-30
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
sp =
25 ˚C
-
6
1
A
T
sp = 100 ˚C
-
4.4
A
T
amb =
25 ˚C
-
3.2
A
I
DM
Pulsed drain current
T
sp = 25 ˚C
-
24
A
P
D
Total power dissipation
T
sp = 25 ˚C
-
8.3
W
T
j, Tstg
Operating junction and
- 65
150
˚C
storage temperature
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-sp
Thermal resistance junction to
surface mounted, FR4
12
15
K/W
solder point
board
R
th j-amb
Thermal resistance junction to
surface mounted, FR4
70
-
K/W
ambient
board
d
g
s
4
1
23
1 Continuous current rating limited by package
February 1999
1
Rev 1.000


Similar Part No. - BSP100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSP100 NEXPERIA-BSP100 Datasheet
208Kb / 9P
N-channel enhancement mode TrenchMOSÔ transistor
February 1999
More results

Similar Description - BSP100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44NS PHILIPS-IRFZ44NS Datasheet
70Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com