Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7121H Datasheet (PDF) - NXP Semiconductors

SAA7121H Datasheet PDF - NXP Semiconductors
Part # SAA7121H
Download  SAA7121H Download
File Size   156.19 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital video encoder

SAA7121H Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7121H Datasheet PDF - NXP Semiconductors

Part # SAA7121H
Download  SAA7121H Click to download

File Size   156.19 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital video encoder

SAA7121H Datasheet (HTML) - NXP Semiconductors


SAA7121H Product details

GENERAL DESCRIPTION

The SAA7120H; SAA7121H encodes digital YUV video data to an NTSC or PAL CVBS or S-video signal.

The circuit accepts CCIR compatible YUV data with 720 active pixels per line in 4:2:2multiplexed formats, for example MPEG decoded data. It includes a sync/clock generator and on-chip DACs.



FEATURES

• Monolithic CMOS 3.3 V device

• Digital PAL/NTSC encoder

• System pixel frequency 13.5 MHz

• Accepts MPEG decoded data on 8-bit wide input port; input data format CB-Y-CR(CCIR 656)

• Three Digital-to-Analog Converters (DACs) for Y, C and CVBS two times oversampled with 10-bit resolution

• Real-time control of subcarrier

• Cross-colour reduction filter

• Closed captioning encoding and World Standard

  Teletext (WST) and North-American Broadcast Text System (NABTS) teletext encoding including sequencerand filter

• Line 23 Wide Screen Signalling (WSS) encoding

• Fast I2C-bus control port (400 kHz)

• Encoder can be master or slave

• Programmable horizontal and vertical input synchronization phase

• Programmable horizontal sync output phase

• Internal Colour Bar Generator (CBG)

• 2×2 bytes in lines 20 (NTSC) for copy guard management system can be loaded via I2C-bus

• Down mode of DACs




Similar Part No. - SAA7121H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7121 PHILIPS-SAA7121 Datasheet
225Kb / 32P
Digital Video Encoder (ConDENC)
1997 Jan 06
More results


Similar Description - SAA7121H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
Digital video encoder
2003 Dec 09
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
Digital video encoder
2004 Mar 04
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
Digital video encoder
logo
NXP Semiconductors
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
Digital video encoder
Rev. 02-23 December 2005
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
Digital video encoder
Rev. 04-18 January 2006
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
Digital video encoder
2004 Mar 16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com