Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8107 Datasheet (PDF) - Analog Devices

AD8107 Datasheet PDF - Analog Devices
Part # AD8107
Download  AD8107 Download
File Size   571.01 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 260 MHz, 16 횞 5 Buffered Video Crosspoint Switches

AD8107 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8107 Datasheet PDF - Analog Devices

Part # AD8107
Download  AD8107 Click to download

File Size   571.01 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 260 MHz, 16 횞 5 Buffered Video Crosspoint Switches

AD8107 Datasheet (HTML) - Analog Devices


AD8107 Product details

GENERAL DESCRIPTION
The AD8106 and AD8107 are high speed, 16 × 5 video crosspoint switch matrices. They offer a −3 dB signal bandwidth greater than 260 MHz, and channel switch times of less than 25 ns with 1% settling. With −78 dB of crosstalk and −97 dB isolation (@ 5 MHz), the AD8106/AD8107 are useful in many high speed applications. The differential gain and differential phase of greater than 0.02% and 0.02° respectively, along with 0.1 dB flatness out to 60 MHz, make the AD8106/AD8107 ideal for video signal switching.

FEATURES
   16 × 5 high speed, nonblocking switch arrays
      AD8106: G = 1, AD8107: G = 2
   Pin compatible with AD8110/AD8111, 16 × 8 switch arrays
      For a 16 × 16 array, see AD8114/AD8115
      For a 16 x 8 array, see AD8110/AD8111
   Complete solution
      Buffered inputs
      Five output amplifiers
      Drives 150 Ω loads
   Excellent video performance
      60 MHz 0.1 dB gain flatness
      0.02% differential gain error (RL = 150 Ω)
      0.028 differential phase error (RL = 150 Ω)
   Excellent ac performance
      −3 dB bandwidth > 260 MHz
      500 V/μs slew rate
   Low power of 50 mA
   Low all-hostile crosstalk of −78 dB @ 5 MHz
   Output disable allows connection of multiple device outputs
   Reset pin allows disabling of all outputs
   Excellent ESD rating: Exceeds 4000 V human body model
   80-lead LQFP (12 mm × 12 mm)

APPLICATIONS
   Routing of high speed signals including:
      Composite video (NTSC, PAL, S, SECAM)
      Component video (YUV, RGB)
      Compressed video (MPEG, Wavelet)
      3-level digital video (HDB3)




Similar Part No. - AD8107

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8107 AD-AD8107 Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
AD8107ASTZ AD-AD8107ASTZ Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
More results


Similar Description - AD8107

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8178 AD-AD8178 Datasheet
829Kb / 40P
450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com