Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet (PDF) - WOLFSPEED, INC.

AM400 Datasheet PDF - WOLFSPEED, INC.
Part # AM400
Download  AM400 Download
File Size   312.64 Kbytes
Page   21 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description UNIVERSAL AMPLIFIER IC

AM400 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM400 Datasheet PDF - WOLFSPEED, INC.

Part # AM400
Download  AM400 Click to download

File Size   312.64 Kbytes
Page   21 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description UNIVERSAL AMPLIFIER IC

AM400 Datasheet (HTML) - WOLFSPEED, INC.


AM400 Product details

FEATURES
• Instrumentation amplifier with a wide
input voltage range
• Adjustable gain and offset
• Parallel analog voltage (e.g. 0...5/10V)
and current (e.g. 0/4...20mA) output
• Two and three-wire operation
• Protection against reverse polarity and
short-circuiting
• Output current limitation
• Integrated current source
• Adjustable integrated reference voltage
source: 4.5 to 10V
• Supply voltage: 6...35V
• Wide operating temperature range:
-40°C...+85°C
• Individually accessible function modules
• RoHS compliant
• Two package variants: SOP and SSOP
GENERAL DESCRIPTION
AM400 is a monolithically integrated measuring
amplifier with a parallel current and voltage
output which has been specifically developed for
the processing of differential input signals.
AM400 consists of various functional modules.
It contains both an instrumentation amplifier
input and an input for signals referenced to
ground. One particular feature of the device is
the current and voltage outputs which can be
used simultaneously. The output ranges can be
selected using external resistors, enabling
AM400 to be configured for the analog
0/4...20mA and 0...5/10V industrial power network, for example. Integrated voltage and
current sources covering a wide range of values
can be used to power external components.
AM400 has been designed for ideal use with
external processors (such as a microprocessor,
for example, for signal correction [1])
APPLICATIONS
1) Typical 3-wire application with a differential input signal
In 3-wire operation (cf. Figure 5, for example) the IC ground (pin GND) is connected up to the
external ground of the system (Ground). The system’s supply voltage VS is connected to pin VCC
and pin VCC to pin RS+.




Similar Part No. - AM400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AM400 AD-AM400 Datasheet
317Kb / 21P
UNIVERSAL AMPLIFIER IC
logo
Analog Microelectronics...
AM400 ANALOGMICRO-AM400 Datasheet
312Kb / 21P
PRINCIPLE FUNCTION
Februar 2006
logo
AiT Semiconductor Inc.
AM4003 AITSEMI-AM4003 Datasheet
484Kb / 8P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0 - SEP 2021
logo
Analog Power
AM400N04-01B ANALOGPOWER-AM400N04-01B Datasheet
422Kb / 5P
N-Channel 40-V (D-S) MOSFET
More results


Similar Description - AM400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
Universal Actuator-Sensor Interface IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
Universal Active ORing Controller IC
logo
Analog Devices
AM400 AD-AM400 Datasheet
317Kb / 21P
UNIVERSAL AMPLIFIER IC
logo
List of Unclassifed Man...
SAP5SD-A-G1-T ETC2-SAP5SD-A-G1-T Datasheet
657Kb / 63P
Universal Actuator-Sensor Interface IC
logo
Maxim Integrated Produc...
MAX20317 MAXIM-MAX20317 Datasheet
983Kb / 47P
Universal 3.5mmØ Accessory Management IC
Rev 0; 5/17
logo
STMicroelectronics
L99UDL01 STMICROELECTRONICS-L99UDL01 Datasheet
635Kb / 24P
Automotive universal door lock IC
02-May-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com