Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM400 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button AM400 Datasheet HTML 3Page - WOLFSPEED, INC. AM400 Datasheet HTML 4Page - WOLFSPEED, INC. AM400 Datasheet HTML 5Page - WOLFSPEED, INC. AM400 Datasheet HTML 6Page - WOLFSPEED, INC. AM400 Datasheet HTML 7Page - WOLFSPEED, INC. AM400 Datasheet HTML 8Page - WOLFSPEED, INC. AM400 Datasheet HTML 9Page - WOLFSPEED, INC. AM400 Datasheet HTML 10Page - WOLFSPEED, INC. AM400 Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
7/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
BOUNDARY CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sense Resistor
R0
IOUTFS = 20mA
17
27
38
Ω
R0
c = 20mA/IOUTFS
c
⋅ 17
c
⋅ 27
c
⋅ 38
Ω
Stabilization Resistor
R5
IOUTFS = 20mA
35
40
45
Ω
R5
c = 20mA/IOUTFS
c
⋅ 35
c
⋅ 40
c
⋅ 45
Ω
Load Resistance
RL
Limitation only for 3-wire operation
0
600
Ω
Sum Gain Resistors
R1 + R2
20
200
k
Ω
Sum Offset Resistors
R3 + R4
20
200
k
Ω
VREF Capacitance
C1
Min. value for Tamb 85°C
1.9
2.2
5.0
µF
Output Capacitance
C2
Only for 2-wire operation
90
100
250
nF
D1 Breakdown Voltage
VBR
35
50
V
T1 Forward Current Gain
βF
BCX54/55/56, for example
50
150
DETAILED DESCRIPTION OF FUNCTIONS
AM462 is a modular, monolithically integrated universal amplifier which has been specifically
developed for the conditioning of differential voltage signals and those referenced to ground. It is
designed for both 2- and 3-wire operation1 in industrial applications (cf. applications on pages 14
until 19). AM462’s various functions are depicted in the block diagram (Figure 1) which also
illustrates how few external components are required for the operation of this particular device.
AM400 consists of a number of modular functional blocks which through external gating can either
operate together or separately (see Figure 2).
1. The instrumentation amplifier (IA) with an internal gain of GIA = 5 acts as an input stage for
differential voltage signals. Its special construction permits a high common mode rejection ratio
(CMRR). The amplifier reference potential is set externally using the AM400 pin ZA. Output
voltage VOUTIA at pin OUTIA is calculated for VZA > 0 as:
ZA
IN
IA
OUTIA
V
V
G
V
+
=
with
0
>
OUTIA
V
(1)
where VIN is the differential voltage between inputs pin IN+ and pin IN- of the IA and VZA is the
voltage at pin ZA.
2. The ensuing operational amplifier stage (OP1) permits the IA output signal to be amplified
further. OP1’s gain of GGAIN can be set using external resistors R1 and R2. Protection against
overvoltage has been integrated into the device; this protective circuitry limits the voltage to the
set reference voltage value (cf. paragraph 5 in this section).
1 The principle of design is such that only the current output can be used in 2-wire operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com