Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 17 Page - WOLFSPEED, INC.

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM400 Datasheet(HTML) 17 Page - WOLFSPEED, INC.

Back Button AM400 Datasheet HTML 13Page - WOLFSPEED, INC. AM400 Datasheet HTML 14Page - WOLFSPEED, INC. AM400 Datasheet HTML 15Page - WOLFSPEED, INC. AM400 Datasheet HTML 16Page - WOLFSPEED, INC. AM400 Datasheet HTML 17Page - WOLFSPEED, INC. AM400 Datasheet HTML 18Page - WOLFSPEED, INC. AM400 Datasheet HTML 19Page - WOLFSPEED, INC. AM400 Datasheet HTML 20Page - WOLFSPEED, INC. AM400 Datasheet HTML 21Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
17/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
4) Application for the 16-pole version of AM400 (3-wire application)
Figure 8 gives a 3-wire application which uses the 16-pole version of AM400 (Figure 11). The
dimensions of this specific application are no different from those of the 3-wire setup illustrated in
Figure 5; no detailed description shall thus be given here. One difference, however, lies in the fact
that the minimum voltage at the IA output cannot be reduced by connecting up external load resistor
RLIA. Particularly with small differential input signs and the large GOP gain these entail a “correct”
value of 0V cannot be obtained at IC output VOUT (cf. the comments on VOUTIA in the electrical
specifications). For this reason the 20-pole version of AM400 is preferable for small signals.
Ground
V
S
I
OUT
V
OUT
R
1
R
2
R
3
R
4
C
1
R
0
T
1
D
1
R
5
R
L
R
SET
AM400-1
3
4
2
V
BG
13
5
14
12
11
10
9
8
16
V
I
15
5V Reference
OP3
1
7
6
IA
OP1
3-wire connection
V
OUTIA
The minimum voltage
at the IA output is 16mA
OP2
AM400-1
Figure 8:
Typical application for the 16-pole version of AM400 (3-wire)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com