Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 13 Page - WOLFSPEED, INC.

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM400 Datasheet(HTML) 13 Page - WOLFSPEED, INC.

Back Button AM400 Datasheet HTML 9Page - WOLFSPEED, INC. AM400 Datasheet HTML 10Page - WOLFSPEED, INC. AM400 Datasheet HTML 11Page - WOLFSPEED, INC. AM400 Datasheet HTML 12Page - WOLFSPEED, INC. AM400 Datasheet HTML 13Page - WOLFSPEED, INC. AM400 Datasheet HTML 14Page - WOLFSPEED, INC. AM400 Datasheet HTML 15Page - WOLFSPEED, INC. AM400 Datasheet HTML 16Page - WOLFSPEED, INC. AM400 Datasheet HTML 17Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
13/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
APPLICATIONS
1) Typical 3-wire application with a differential input signal
In 3-wire operation (cf. Figure 5, for example) the IC ground (pin GND) is connected up to the
external ground of the system (Ground). The system’s supply voltage VS is connected to pin VCC
and pin VCC to pin RS+.
Figure 5 shows a 3-wire application in which the differential output signal of a current-powered
measuring bridge is amplified and converted. Operational amplifier OP3 supplies the measuring
bridge with current. Bridge supply current IS can be set using resistor RSET:
SET
SET
BG
S
R
R
V
I
V
27
.
1
=
=
(13)
For the above application it is assumed that no negative input voltages are present. Pin ZA is first
connected to the IC’s ground GND. According to Equation 3 the following then applies to output
voltage VOUT:
IN
V
OUT
V
G
V
=
with
2
.
2
1
5
2
1 

+
=
=
R
R
G
G
G
G
OP
GAIN
IA
V
(14)
Ground
V
S
I
OUT
R
1
R
2
R
IAL
R
3
R
4
C
1
R
0
T
1
D
1
R
5
R
L
R
SET
3-wire connection
Load resistor to minimize the offset
voltage at the IAoutput.
Negative offset voltages can be
compensated for using pin ZA.
If the pin is not in use it must be
connected to IC ground GND.
V
BG
17
5
IA
7
6
10
18
15
14
13
12
11
20
V
I
16
19
Voltage reference
1
9
OP1
8
3
4
2
AM400-0
OP2
OP3
V
OUT
Figure 5:
Typical 3-wire application for differential input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com