Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM400 Datasheet(PDF) 16 Page - WOLFSPEED, INC.

Part # AM400
Description  UNIVERSAL AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM400 Datasheet(HTML) 16 Page - WOLFSPEED, INC.

Back Button AM400 Datasheet HTML 12Page - WOLFSPEED, INC. AM400 Datasheet HTML 13Page - WOLFSPEED, INC. AM400 Datasheet HTML 14Page - WOLFSPEED, INC. AM400 Datasheet HTML 15Page - WOLFSPEED, INC. AM400 Datasheet HTML 16Page - WOLFSPEED, INC. AM400 Datasheet HTML 17Page - WOLFSPEED, INC. AM400 Datasheet HTML 18Page - WOLFSPEED, INC. AM400 Datasheet HTML 19Page - WOLFSPEED, INC. AM400 Datasheet HTML 20Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
UNIVERSAL AMPLIFIER IC
AM400
analog microelectronics
October 2005
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
16/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev.: 4.2
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
where


+
=
=
2
1
1
5
R
R
G
G
G
GAIN
IA
I
and
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
Example 3: VIN = 0..100mV (differential) and IOUT = 4...20mA
For a measuring bridge with a signal of VIN = 0...100mV at the IA input the external components of
the AM400 circuitry are to be dimensioned in such a way that the output current has a range of
4...20mA.
As only the current output is to be used, the gain and output current range can be dimensioned using
resistors R1 to R4. Up to a certain point the value of resistor R0 is freely selectable and can be set to
27
Ω. Observing the boundary conditions for the external components the following values are then
obtained:
R0 = 27Ω
R1 ≈ 59.12kΩ
R2 = 10kΩ
R3 = 82kΩ
R4 = 5kΩ
R5 = 39Ω
RL = 0...600Ω
RIAL ≤ 10kΩ
C1 = 2.2µF
C2 = 100nF
In this specific application particular attention must be paid to the current consumption which at a
temperature of 85°C may not exceed 4mA.
Negative offset voltages can be
compensated for using pin ZA.
If the pin is not in use it
be
connected to IC ground GND.
must
Ground
V
S
I
OUT
R
1
R
2
R
IAL
R
3
R
4
C
1
R
0
T
1
D
1
R
5
R
L
R
SET
2-wire
connection
C
2
IC ground: GND
System ground: Ground
}Differentpotentials!
GND
V
BG
17
5
IA
7
6
10
18
15
14
13
12
11
20
V
I
16
19
Voltage reference
1
9
OP1
8
3
4
2
AM400-0
OP2
OP3
Figure 7:
Typical 2-wire application for differential input signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com