Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM402 Datasheet (PDF) - WOLFSPEED, INC.

AM402 Datasheet PDF - WOLFSPEED, INC.
Part # AM402
Download  AM402 Download
File Size   115.08 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description CURRENT CONVERTER IC

AM402 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM402 Datasheet PDF - WOLFSPEED, INC.

Part # AM402
Download  AM402 Click to download

File Size   115.08 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description CURRENT CONVERTER IC

AM402 Datasheet (HTML) - WOLFSPEED, INC.


AM402 Product details

FEATURES
• Wide Supply Voltage Range: 6...35V
• Wide Operating Temperature Range:
–40°C...+85°C
• Adjustable Reference Voltage
Source: 4.5 to 10V
• Wide Common Mode Range Instrumentation Amplifier
• Adjustable Gain and Offset
• Two–Wire Output: 4...20mA
• Three–Wire Output: 0/4...20mA
• Adjustable Output Current Range
• Protection Against Reverse Polarity
• Current Shutdown with Overvoltage
• Shutdown with Excessive Temperature
GENERAL DESCRIPTION
AM402 is a monolithically integrated current
converter which has been specially developed
for the processing of differential bridge signals. AM402 is suitable for two- and threewire applications and has four function blocks.
A high-precision instrumentation amplifier
(IA) serves as an input stage. A reference voltage source, which can be adjusted to values of
between 4.5 and 10V, excites external components and a voltage-controlled current output
stage converts the voltage signal. It is thus
possible to generate output currents which correspond to the normal industrial standards
(0/4–20mA, 12 ± 8mA).
APPLICATIONS
• Industrial Process Control
• Sensor Signal Converter (e.g. pressure)
• Programmable Current Source




Similar Part No. - AM402

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM402 AME-AM402 Datasheet
115Kb / 8P
CURRENT CONVERTER IC
logo
Analog Microelectronics...
AM402 ANALOGMICRO-AM402 Datasheet
115Kb / 8P
CURRENT CONVERTER IC
Rev. 2.1
More results


Similar Description - AM402

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2383 NJRC-NJM2383 Datasheet
123Kb / 7P
DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
logo
List of Unclassifed Man...
TK11815M ETC-TK11815M Datasheet
11Kb / 1P
DC-DC CONVERTER IC
logo
Siemens Semiconductor G...
TLE4951 SIEMENS-TLE4951 Datasheet
236Kb / 8P
CURRENT MONITORING IC
logo
ATMEL Corporation
U4793B ATMEL-U4793B Datasheet
130Kb / 6P
CURRENT MONITOR IC
logo
New Japan Radio
NJM2384 NJRC-NJM2384 Datasheet
94Kb / 7P
DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
logo
ATMEL Corporation
U4793B ATMEL-U4793B_05 Datasheet
178Kb / 8P
Current Monitor IC
logo
Analog Microelectronics
AM402 AME-AM402 Datasheet
115Kb / 8P
CURRENT CONVERTER IC
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
Down Converter IC
February, 2014
logo
Rohm
BM14270MUV-LB ROHM-BM14270MUV-LB Datasheet
1Mb / 24P
Current Sensor IC
16.Jan.2019 Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com