Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM402 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # AM402
Description  CURRENT CONVERTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM402 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  AM402 Datasheet HTML 1Page - WOLFSPEED, INC. AM402 Datasheet HTML 2Page - WOLFSPEED, INC. AM402 Datasheet HTML 3Page - WOLFSPEED, INC. AM402 Datasheet HTML 4Page - WOLFSPEED, INC. AM402 Datasheet HTML 5Page - WOLFSPEED, INC. AM402 Datasheet HTML 6Page - WOLFSPEED, INC. AM402 Datasheet HTML 7Page - WOLFSPEED, INC. AM402 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CURRENT CONVERTER IC
AM402
analog microelectronics
April 99
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/8
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.1
Internet: www.analogmicro.de
E–Mail:
info@analogmicro.de
FEATURES
• Wide Supply Voltage Range: 6...35V
• Wide Operating Temperature Range:
–40°C...+85°C
• Adjustable Reference Voltage
Source: 4.5 to 10V
• Wide Common Mode Range Instru-
mentation Amplifier
• Adjustable Gain and Offset
• Two–Wire Output: 4...20mA
• Three–Wire Output: 0/4...20mA
• Adjustable Output Current Range
• Protection Against Reverse Polarity
• Current Shutdown with Overvoltage
• Shutdown with Excessive Tempera-
ture
APPLICATIONS
• Industrial Process Control
• Sensor Signal Converter (e.g. pressure)
• Programmable Current Source
GENERAL DESCRIPTION
AM402 is a monolithically integrated current
converter which has been specially developed
for the processing of differential bridge sig-
nals. AM402 is suitable for two- and three-
wire applications and has four function blocks.
A high-precision instrumentation amplifier
(IA) serves as an input stage. A reference volt-
age source, which can be adjusted to values of
between 4.5 and 10V, excites external compo-
nents and a voltage-controlled current output
stage converts the voltage signal. It is thus
possible to generate output currents which cor-
respond to the normal industrial standards
(0/4–20mA, 12
± 8mA).
DELIVERY
• DIL16 packages (samples)
• SO16(n) packages
• Dice on 5“ blue foil
BLOCK DIAGRAM
Reference Voltage
V
I
Instrumentation
Amplifier
SET
OUT
RS+
RS
−
VREF
VSET
GAIN
−
GAIN+
IN+
VCC
GAIN
GND
AM402
IN
−
9
8
10
11
12
13
16
1
2
3
5
7
14
Figure 1


Similar Part No. - AM402

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM402 AME-AM402 Datasheet
115Kb / 8P
CURRENT CONVERTER IC
logo
Analog Microelectronics...
AM402 ANALOGMICRO-AM402 Datasheet
115Kb / 8P
CURRENT CONVERTER IC
Rev. 2.1
More results

Similar Description - AM402

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2383 NJRC-NJM2383 Datasheet
123Kb / 7P
DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
logo
List of Unclassifed Man...
TK11815M ETC-TK11815M Datasheet
11Kb / 1P
DC-DC CONVERTER IC
logo
Siemens Semiconductor G...
TLE4951 SIEMENS-TLE4951 Datasheet
236Kb / 8P
CURRENT MONITORING IC
logo
ATMEL Corporation
U4793B ATMEL-U4793B Datasheet
130Kb / 6P
CURRENT MONITOR IC
logo
New Japan Radio
NJM2384 NJRC-NJM2384 Datasheet
94Kb / 7P
DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
logo
ATMEL Corporation
U4793B ATMEL-U4793B_05 Datasheet
178Kb / 8P
Current Monitor IC
logo
Analog Microelectronics
AM402 AME-AM402 Datasheet
115Kb / 8P
CURRENT CONVERTER IC
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
Down Converter IC
February, 2014
logo
Rohm
BM14270MUV-LB ROHM-BM14270MUV-LB Datasheet
1Mb / 24P
Current Sensor IC
16.Jan.2019 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com