Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM402 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # AM402
Description  CURRENT CONVERTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM402 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  AM402 Datasheet HTML 1Page - WOLFSPEED, INC. AM402 Datasheet HTML 2Page - WOLFSPEED, INC. AM402 Datasheet HTML 3Page - WOLFSPEED, INC. AM402 Datasheet HTML 4Page - WOLFSPEED, INC. AM402 Datasheet HTML 5Page - WOLFSPEED, INC. AM402 Datasheet HTML 6Page - WOLFSPEED, INC. AM402 Datasheet HTML 7Page - WOLFSPEED, INC. AM402 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CURRENT CONVERTER IC
AM402
analog microelectronics
April 99
6/8
PINOUT
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
RS+
VCC
RS
−
N.C.
OUT
N.C.
SET
IN
−
VREF
GND
VSET
GAIN+
GAIN
GAIN
−
IN+
N.C.
Figure 5
DELIVERY
The AM402 is available in version:
• 16 pin DIL packages (samples)
• SO 16 (n) packages (maximum power dissipation PD = 300mW)
• Dice on 5“ blue foil
PACKAGE DIMENSIONS SO16 (n)
PIN
NAME
DESIGNATION
1
RS+
Sense Resistor +
2
VCC
Supply Voltage
3
RS–
Sense Resistor –
4
N.C.
Not Connected
5
OUT
Output
6
N.C.
Not Connected
7
SET
Set Output Current
8
IN–
Input Negative
9
IN+
Input Positive
10
GAIN–
Gain Adjustment
11
GAIN
Gain Adjustment
12
GAIN+
Gain Adjustment
13
VSET
Reference Voltage Select
14
GND
IC Ground
15
N.C.
Not Connected
16
VREF
Reference Voltage Output
1
16
8
0°-10°
≥ 0,3
6,2 ± 0,2
4,0 + 0,2 - 0,1
0,2 ± 0,05
1,27
≤ 2,00
10,06 ± 0,1
0,42 ± 0,07
≤ 0,635
1,45 ± 0,1
0,2 ± 0,1
Figure 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com