Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2712 Datasheet (PDF) - WOLFSPEED, INC.

AMS2712 Datasheet PDF - WOLFSPEED, INC.
Part # AMS2712
Download  AMS2712 Download
File Size   604.34 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description PCB pressure sensor module with 4 .. 20 mA current output

AMS2712 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2712 Datasheet PDF - WOLFSPEED, INC.

Part # AMS2712
Download  AMS2712 Click to download

File Size   604.34 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description PCB pressure sensor module with 4 .. 20 mA current output

AMS2712 Datasheet (HTML) - WOLFSPEED, INC.


AMS2712 Product details

FEATURES
 Universal pressure sensor module with twowire 4 .. 20 mA current-loop output
 Fully calibrated and temperature
compensated sensor module
 Differential / gage, bidirectional differential,
absolute and barometric versions
 Wide variety of pressure ranges:
5 mbar up to 2 bar
 Piezoresistive sensing principle
 High precision digital signal conditioning
 Accuracy < 0.5 %FSO @ room temperature
for standard pressure ranges
 Overall error < 1 %FSO within -25 .. +85 °C
for standard pressure ranges
 Supply voltage range: 8 .. 36 V
 Integrated circuit protection against reverse
polarity, current limitation
 Different product versions with solder pads,
terminal block or DIL pins
 Ready for packaging or integration in other
assemblies
 Compact size (30 mm x 27.5 mm x 14.3 mm)
 RoHS and REACH compliant
TYPICAL APPLICATIONS
 Static pressure sensing
 Dynamic pressure sensing
 Barometric pressure sensing
 Vacuum measurement
 Level measurement
 Gas flow measurement
 Heating, Ventilation and Air Conditioning
(HVAC)
GENERAL DESCRIPTION
AMS 2712 is a series of compact OEM pressure
sensor modules with 4 .. 20 mA current-loop output
in various pressure ranges. The sensor modules
are calibrated and temperature compensated and
allow precise pressure measurements in a wide
temperature range of -25 .. 85 °C.
With its large supply voltage range of 8 .. 36 V and
the rugged, reverse polarity and short circuit
protected current-loop output the AMS 2712 are
especially suitable for applications in industrial
environments.
AMS 2712 are compact pressure sensor modules,
which can be easily integrated in other assemblies
or used stand alone in a suitable package.
Pressure is applied via metal pressure ports, the
electrical connection can be done via solder pads,
pin connectors or a PCB terminal block.
The pressure sensor modules in the AMS 2712
series are available for various ranges and types:
Differential (relative) devices in pressure ranges
from 0 .. 5 mbar up to 0 .. 2 bar, absolute pressure
variants for 0 .. 1 and 0 .. 2 bar as well as a
barometric type for 0.7 .. 1.2 bar. Bidirectional
differential devices are available from -5 .. +5 mbar
up to -1 .. +1 bar for measurement of positive and
negative pressure differences. Other pressure
ranges or modifications are available on request.




Similar Part No. - AMS2712

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS2712 ANALOGMICRO-AMS2712 Datasheet
604Kb / 8P
PCB pressure sensor module with 4 .. 20 mA current output
More results


Similar Description - AMS2712

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2867115 PHOENIX-2867115 Datasheet
69Kb / 3P
Analog extension module with 4 analog current inputs 4 mA ... 20 mA
2901537 PHOENIX-2901537 Datasheet
801Kb / 9P
Analog extension module with 4 analog current inputs (0/4 mA ... 20 mA), with screw connection, incl. DIN rail connector
logo
Texas Instruments
TPS2661 TI-TPS2661 Datasheet
1Mb / 33P
TPS2661x: 50 V, Universal 4-20 mA, 짹20-mA Current Loop Protector with Input/Output Miswiring Protection
logo
VACUUMSCHMELZE GmbH & C...
T60404-M4645-X150 VACUUMSCHMELZE-T60404-M4645-X150 Datasheet
145Kb / 2P
100 ??000 mA DI- Current-Sensor-Module
logo
M-System Co.,Ltd.
R5-YS MSYSTEM-R5-YS Datasheet
111Kb / 3P
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
R5-TYS MSYSTEM-R5-TYS Datasheet
110Kb / 3P
Remote I/O R5 Series 4 - 20 mA OUTPUT MODULE
logo
WAGO Kontakttechnik Gmb...
753-555 WAGO-753-555 Datasheet
583Kb / 12P
4-channel analog output; 4 ??20 mA
logo
Schneider Electric
140ACO02000 SCHNEIDER-140ACO02000 Datasheet
124Kb / 4P
analog output module Modicon Quantum - 4 O - 4..20 mA, 12 bits bipolar current
Apr 18, 2022
logo
WOLFSPEED, INC.
AMS2710 WOLFSPEED-AMS2710 Datasheet
597Kb / 8P
PCB pressure sensor module with 0 .. 10 V output
February 2018 Rev. 1.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com